전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL15101ZI-XXX 데이터시트(PDF) 3 Page - SpectraLinear Inc

부품명 SL15101ZI-XXX
상세설명  Programmable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRALINEAR [SpectraLinear Inc]
홈페이지  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15101ZI-XXX 데이터시트(HTML) 3 Page - SpectraLinear Inc

  SL15101ZI-XXX Datasheet HTML 1Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 2Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 3Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 4Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 5Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 6Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 7Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 8Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Rev 1.8, August 10, 2007
Page 3 of 16
SL15101
General Description
The primary source of EMI from digital circuits is the
system clock and all the other synchronous clocks and
control signals derived from the system clock. The well
know techniques of filtering (suppression) and shielding
(containment), while effective, can cost money, board
space and longer development time.
A more effective and efficient technique to reduce EMI is
Spread Spectrum Clock Generator (SSCG) technique.
Instead of using constant clock frequency, the SSCG
technique modulates (spreads) the system clock with a
much smaller frequency, to reduce EMI emissions at its
source: The System Clock.
The
SL15101
is
designed
using
SpectraLinear
proprietary programmable EProClock™ phase-locked
loop (PLL) and Spread Spectrum Technologies (SST) to
synthesize and modulate (spread) the system clock such
that the energy is spread out over a wider bandwidth.
This reduces the peak value of the radiated emissions at
the fundamental and the harmonics.
This reduction in
radiated energy can significantly reduce the cost of
complying with regulatory agency requirements and
improve time-to-market without degrading system perfor-
mance.
The SL15101 operates from 3.3V to 2.5V power supply
range. Refer to SL15L101 for 1.8V power supply
operation.
The SL15101 is available in 8-pin TSSOP package with
extended Commercial Temperature range of 0 to 85 C
and Industrial Temperature range of –40 to 85°C.
Input Frequency Range
The input frequency range is from 8.0 to 48.0 MHz for
crystals and ceramic resonators. If an external clock is
used, the input frequency range is from 8 to 166 MHz.
Output Frequency Range and Outputs
Up to four (4) outputs can be programmed as SSCLK or
REFCLK. SSCLK output can be synthesized to any value
from 3 to 200 MHz with spread based on valid input
frequency. The spread at SSCLK pins can be stopped by
SSON# input control pin, If SSON# pin is HIGH (VDD),
the frequency at this pin is the synthesized to the
nominal value of the input frequency and there is no
spread.
REFOUT is the buffered output of the oscillator and is
the same frequency as the input frequency without
spread. However, REFOUT value can also be divided by
using the output dividers from 2 to 32. The SSCLK is the
programmed and synthesized value of the input clock.
The remaining SSCLKs could be the same value
providing fanout of up to 4 or the frequency can be
divided from also 2 to 32. In this case, the spread %
value is the same as the original programmed spread %
value. By using only first order crystals, SL15101 can
synthesize output frequency up to 200 MHz, eliminating
the need for higher order Crystals (Xtals) and Crystal
Oscillators (XOs). This reduces the cost while improving
the system clock accuracy, performance and reliability.
Programmable CL (Crystal Load)
The SL15101 provides programmable on-chip capacitors
at XIN/CLKIN (Pin-3) and XOUT (Pin-2). The resolution of
this programmable capacitor is 6-bits with LSB value of
0.5pF. When all bits are off the pin capacitance is
CXIN=CXOUT =8.5pF (minimum value). When all bits are
on the pin capacitance is CXIN=CXOUT=40pF (maximum
value). The values of CXIN and CXOUT based on the CL
(Crystal Load Capacitor) can be calculated as:
CXIN=CXOUT=2CL-CPCB. Refer to the Page-13 for
additional information on crystal load (CL).
In addition, if an external clock is used, the capacitance at
Pin-3 (CLKIN) can programmed to control the edge rate of
this input clock, providing additional EMI control.
Programmable Modulation Frequency
The Spread Spectrum Clock (SSC) modulation default
value is 31.5 kHz. The higher values of up to 120 kHz can
also be programmed. Less than 30 kHz modulation
frequency is not recommended to stay out of the range
audio frequency bandwidth since this frequency could be
detected as a noise by the audio receivers within the
vicinity.
Programmable Spread Percent (%)
The spread percent (%) value is programmable from +/-
0.25% to +/-2.5% (center spread) or -0.5% to -5.0%
(down spread) for all SSCLK frequencies. It is possible to
program smaller or larger non-standard values of spread
percent. Contact SLI if these non-standard spread percent
values are required in the application.
SSON# or Frequency Select (FS)
The SL15101 Pin-8 can also be programmed as either
SSON# to enable or disable the programmed spread
percent value or as Frequency Select (FS). If SSON# is
used, when this pin is pulled high (VDD), the spread is
stopped and the frequency is the nominal value without
spread. If low (GND), the frequency is the nominal value
with the spread.
If FS function is used, the output pins can be programmed
for different set of frequencies as selected by FS. SSCLK
value can be any frequency from 3 to 200MHz, but the
spread % is the same percent value. REFOUT is the
same frequency as the input reference clock or divide by
from 2 to 32 without spread. The set of frequencies in
Table 1 is given as en example, using 48MHz crystal.
The SL15101 also allows a fan-out of up to 4, meaning
that Pins 4, 6, 7 and 8 can be programmed to the same
frequencies with or without spread.
FS
(Pin-8)
SSCLK1/2
(Pins-6/7)
REFCLK4
(Pin-4)
0
66MHz, +/-2%
48MHz
1
33MHz, +/-2%
24MHz
Table 1. Frequency Selection (FS)
Power Down (PD#) or Output Enable (OE)
The SL15101 Pin-4 can be programmed as either PD# or
OE. PD# powers down the entire chip whereas OE only
disables the output buffers to Hi-Z.


유사한 부품 번호 - SL15101ZI-XXX

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Microdiode Electronics ...
SL15100 CHENDA-SL15100 Datasheet
2Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SL15100 LEIDITECH-SL15100 Datasheet
2Mb / 3P
   15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
AMETHERM Circuit Protec...
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1510005-A AMETHERM-SL1510005-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
More results

유사한 설명 - SL15101ZI-XXX

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com