전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMA3008 데이터시트(PDF) 7 Page - Filtronic Compound Semiconductors

부품명 FMA3008
상세설명  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3008 데이터시트(HTML) 7 Page - Filtronic Compound Semiconductors

  FMA3008 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
7
Production Datasheet v2.9
FMA3008
BIASING CIRCUIT SCHEMATIC:
ASSEMBLY DIAGRAM:
It is recommended that the RF connections be made using two bond wires 25µm in diameter and a
maximum length of 300µm. Optimum input and output return loss can be achieved, to compensate for
bond wire length, with the addition of a microstrip transformer, shown in the diagram below.
Substrate: Alumina
Thickness: 635µm
Dimensions in mm
Transformer Impedance 36
Electrical Length 21º at 10GHz
0.61
0.61
To Evaluation Board via an 0402
Surface Mounted capacitor
100pF Chip
Capacitors
To Evaluation Board via an 0402
Surface Mounted capacitor
100pF Chip
Capacitor
0.65
0.65
1.1
1.1
100nF
100pF
RF Output
VG
100pF
100nF
RF Input
VDD
BILL OF MATERIALS:
COMPONENT
All RF tracks should be 50
Ω characteristic material
Capacitor, 100pF, chip capacitor
Capacitor, 100pF, 0402


유사한 부품 번호 - FMA3008

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

유사한 설명 - FMA3008

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com