전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM12L458 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM12L458
상세설명  12-Bit Sign Data Acquisition System with Self-Calibration
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  LM12L458 Datasheet HTML 1Page - National Semiconductor (TI) LM12L458 Datasheet HTML 2Page - National Semiconductor (TI) LM12L458 Datasheet HTML 3Page - National Semiconductor (TI) LM12L458 Datasheet HTML 4Page - National Semiconductor (TI) LM12L458 Datasheet HTML 5Page - National Semiconductor (TI) LM12L458 Datasheet HTML 6Page - National Semiconductor (TI) LM12L458 Datasheet HTML 7Page - National Semiconductor (TI) LM12L458 Datasheet HTML 8Page - National Semiconductor (TI) LM12L458 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DC Characteristics
The following specifications apply for V
A+=VD+ = +3.3V, VREF+ = +2.5V, VREF− = 0V, fCLK = 6.0 MHz and minimum acquisi-
tion time unless otherwise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes
6, 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
I
D+VD+ Supply Current
CS = “1”
0.4
1.0
mA (max)
I
A+VA+ Supply Current
CS = “1”
2.25
3.5
mA (max)
I
ST
Stand-By Supply Current (I
D++
I
A+)
Power-Down
Mode Selected
Clock Stopped
1.5
4.5
µA (max)
6 MHz Clock
30
µA (max)
Multiplexer ON-Channel
Leakage Current
V
A+ = +3.6V
ON-Channel = 3.6V
0.1
0.3
µA (max)
OFF-Channel = 0V
ON-Channel = 0V
0.1
0.3
µA (max)
OFF-Channel = 3.6V
Multiplexer OFF-Channel
Leakage Current
V
A+ = +3.6V
ON-Channel = 3.6V
0.1
0.3
µA (max)
OFF-Channel = 0V
ON-Channel = 0V
OFF-Channel = 3.6V
0.1
0.3
µA (max)
R
ON
Multiplexer ON-Resistance
V
IN = +3.3V
850
1500
V
IN = +1.65V
1300
2000
V
IN = 0V
830
1500
Multiplexer
Channel-to-Channel
R
ON matching
V
IN = +3.3V
±1.0%
±3.0%
V
IN = +1.65V
±1.0%
±3.0%
V
IN =0V
±1.0%
±3.0%
Digital Characteristics
The following specifications apply for V
A+=VD+ = +3.3V, unless otherwise specified. Boldface limits apply for TA =TJ =
T
MIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 6, 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
V
IN(1)
Logical “1” Input Voltage
V
A+=VD+ = +3.6V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
A+=VD+ = +3.0V
0.7
V (max)
ALE, Pin 22
0.6
I
IN(1)
Logical “1” Input Current
V
IN = +3.3V
0.005
1.0
µA (max)
2.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−1.0
µA (max)
−2.0
µA (max)
C
IN
D0–D15 Input Capacitance
6
pF
V
OUT(1)
Logical “1” Output Voltage
V
A+=VD+ = 3.0V
I
OUT = −360 µA
2.4
V (min)
I
OUT = −10 µA
2.85
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
A+=VD+ = +3.0V
I
OUT = 1.6 mA
0.4
V (max)
I
OUT =10µA
0.1
V (max)
I
OUT
TRI-STATE® Output Leakage Current
V
OUT = 0V
−0.01
−3.0
µA (max)
V
OUT = +3.3V
0.01
3.0
µA (max)
www.national.com
5


유사한 부품 번호 - LM12L458

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458CIV TI1-LM12L458CIV Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV/NOPB TI1-LM12L458CIV/NOPB Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
More results

유사한 설명 - LM12L458

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com