전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8661 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8661
상세설명  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8661 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8661 Datasheet HTML 2Page - Analog Devices AD8661 Datasheet HTML 3Page - Analog Devices AD8661 Datasheet HTML 4Page - Analog Devices AD8661 Datasheet HTML 5Page - Analog Devices AD8661 Datasheet HTML 6Page - Analog Devices AD8661 Datasheet HTML 7Page - Analog Devices AD8661 Datasheet HTML 8Page - Analog Devices AD8661 Datasheet HTML 9Page - Analog Devices AD8661 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8661/AD8662/AD8664
Rev. D | Page 6 of 16
AD8661 ELECTRICAL CHARACTERISTICS—LFCSP_VD ONLY
VS = 16.0 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VS/2
50
300
μV
−40°C < TA < +85°C
2000
μV
Input Bias Current
IB
0.3
1
pA
−40°C < TA < +85°C
50
pA
Input Offset Current
IOS
0.2
0.5
pA
−40°C < TA < +85°C
20
pA
Input Voltage Range
−0.1
+14.0
V
Common-Mode Rejection Ratio
CMRR
VCM = −0.1 V to +14.0 V
90
110
dB
−40°C < TA < +85°C
90
110
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 15.5 V
200
420
V/mV
Offset Voltage Drift
TCVOS
−40°C < TA < +85°C
4
17
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
15.95
15.97
V
IL = 10 mA
15.60
15.70
V
−40°C < TA < +85°C
15.50
V
Output Voltage Low
VOL
IL = 1 mA
24
50
mV
IL = 10 mA
210
350
mV
−40°C < TA < +85°C
400
mV
Short-Circuit Current
ISC
±140
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
45
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5 V to 16 V
95
110
dB
−40°C < TA < +85°C
95
115
dB
Supply Current per Amplifier
ISY
VO = VS/2
1.25
1.55
mA
−40°C < TA < +85°C
1.9
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
3.5
V/μs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
ΦO
65
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
2.5
μV p-p
Voltage Noise Density
en
f = 1 kHz
12
nV/√Hz
f = 10 kHz
10
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.1
pA/√Hz


유사한 부품 번호 - AD8661

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8661 AD-AD8661 Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8661ACP AD-AD8661ACP Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8661ACPZ-R2 AD-AD8661ACPZ-R2 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661ACPZ-REEL7 AD-AD8661ACPZ-REEL7 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661ARZ AD-AD8661ARZ Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
More results

유사한 설명 - AD8661

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com