전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8661ARZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8661ARZ
상세설명  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8661ARZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8661ARZ Datasheet HTML 4Page - Analog Devices AD8661ARZ Datasheet HTML 5Page - Analog Devices AD8661ARZ Datasheet HTML 6Page - Analog Devices AD8661ARZ Datasheet HTML 7Page - Analog Devices AD8661ARZ Datasheet HTML 8Page - Analog Devices AD8661ARZ Datasheet HTML 9Page - Analog Devices AD8661ARZ Datasheet HTML 10Page - Analog Devices AD8661ARZ Datasheet HTML 11Page - Analog Devices AD8661ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8661/AD8662/AD8664
Rev. D | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VOS (µV)
–150
0
6000
5000
4000
3000
2000
1000
150
100
50
0
–50
–100
VS = 16V
TA = 25°C
VCM = –0.1V TO +14V
Figure 7. Input Offset Voltage Distribution
TCVOS (µV/°C)
01234567
89
0
16
14
12
10
8
6
4
2
10
VS = 16V
TA = –40°C TO +125°C
VCM =8V
Figure 8. Offset Voltage Drift Distribution
COMMON-MODE VOLTAGE (V)
0
–300
300
200
100
0
–100
–200
14
12 13
11
10
9
8
7
6
5
4
3
2
1
VS =16V
TA =25°C
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
TEMPERATURE (°C)
–40
0
300
250
200
150
100
50
120
100
80
40
60
20
0
–20
VS = 5V AND 16V
Figure 10. Input Bias Current vs. Temperature
LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
0.1
10k
1k
100
10
1
100
VOL
SINKING
VDD –VOH
SOURCING
VDD = 16V
Figure 11. Output Swing Saturation Voltage vs. Load Current
TEMPERATURE (°C)
–40
0
110
100
90
80
70
60
50
40
30
20
10
120
100
80
40
60
20
0
–20
(VDD – VOH) AT VS = 5V
VOL AT VS = 5V
VOL AT VS = 16V
(VDD – VOH) AT VS = 16V
IL = 1mA
Figure 12. Output Swing Saturation Voltage vs. Temperature, IL = 1 mA


유사한 부품 번호 - AD8661ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8661ARZ AD-AD8661ARZ Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8661ARZ AD-AD8661ARZ Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661ARZ-REEL AD-AD8661ARZ-REEL Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661ARZ-REEL7 AD-AD8661ARZ-REEL7 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
More results

유사한 설명 - AD8661ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com