전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8620ARZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8620ARZ
상세설명  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8620ARZ 데이터시트(HTML) 3 Page - Analog Devices

  AD8620ARZ Datasheet HTML 1Page - Analog Devices AD8620ARZ Datasheet HTML 2Page - Analog Devices AD8620ARZ Datasheet HTML 3Page - Analog Devices AD8620ARZ Datasheet HTML 4Page - Analog Devices AD8620ARZ Datasheet HTML 5Page - Analog Devices AD8620ARZ Datasheet HTML 6Page - Analog Devices AD8620ARZ Datasheet HTML 7Page - Analog Devices AD8620ARZ Datasheet HTML 8Page - Analog Devices AD8620ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8610/AD8620
SPECIFICATIONS
@ VS = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (AD8610B)
VOS
–40°C < TA < +125°C
45
80
100
200
μV
μV
Offset Voltage (AD8620B)
VOS
–40°C < TA < +125°C
45
80
150
300
μV
μV
Offset Voltage (AD8610A/AD8620A)
VOS
+25°C < TA < +125°C
85
90
250
350
μV
μV
–40°C < TA < +125°C
150
850
μV
Input Bias Current
IB
–40°C < TA < +85°C
–40°C < TA < +125°C
–10
–250
–2.5
+2
+130
+1.5
+10
+250
+2.5
pA
pA
nA
Input Offset Current
Input Voltage Range
Common-Mode Rejection Ratio
Large Signal Voltage Gain
Offset Voltage Drift (AD8610B)
Offset Voltage Drift (AD8620B)
Offset Voltage Drift (AD8610A/AD8620A)
IOS
CMRR
AVO
ΔVOS/ΔT
ΔVOS/ΔT
ΔVOS/ΔT
–40°C < TA < +85°C
–40°C < TA < +125°C
VCM = –1.5 V to +2.5 V
RL = 1 kΩ, VO = –3 V to +3 V
–40°C < TA < +125°C
–40°C < TA < +125°C
–40°C < TA < +125°C
–10
–75
–150
–2
90
100
+1
+20
+40
95
180
0.5
0.5
0.8
+10
+75
+150
+3
1
1.5
3.5
pA
pA
pA
V
dB
V/mV
μV/°C
μV/°C
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 1 kΩ, –40°C < TA < +125°C
3.8
4
V
Output Voltage Low
VOL
RL = 1 kΩ, –40°C < TA < +125°C
–4
–3.8
V
Output Current
IOUT
VOUT > ±2 V
±30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±5 V to ±13 V
100
110
dB
Supply Current/Amplifier
ISY
VO = 0 V
2.5
3.0
mA
–40°C < TA < +125°C
3.0
3.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
40
50
V/μs
Gain Bandwidth Product
GBP
25
MHz
Settling Time
tS
AV = +1, 4 V step, to 0.01%
350
ns
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.8
μV p-p
Voltage Noise Density
en
f = 1 kHz
6
nV/√Hz
Current Noise Density
in
f = 1 kHz
5
fA/√Hz
Input Capacitance
CIN
Differential Mode
8
pF
Common Mode
15
pF
Channel Separation
CS
f = 10 kHz
137
dB
f = 300 kHz
120
dB
Rev. E | Page 3 of 24


유사한 부품 번호 - AD8620ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8620AR AD-AD8620AR Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620AR-REEL AD-AD8620AR-REEL Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620AR-REEL7 AD-AD8620AR-REEL7 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
More results

유사한 설명 - AD8620ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com