전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2715SQ-ADJ 데이터시트(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2715SQ-ADJ
상세설명  TFT Panel Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715SQ-ADJ 데이터시트(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2715SQ-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical Characteristics — Vcom Amplifier
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified VIN =2.2V, AVIN = 8V, RCOM =RGAMMA =50
Ω,C
COM =
C
GAMMA = 1nF.
Vcom Amplifier
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
V
OS
Input Offset Voltage (Note 9)
V
CM = 1V
3.5
10
mV
V
CM = 7.5V
3
10
I
B
Input Bias Current
V
CM = 1V
55
200
nA
V
CM = 7.5V (Note 8)
190
300
I
OS
Input Offset Current
V
CM = 1V
40
130
nA
V
CM = 7.5V
5
110
CMVR
Input Common-mode Voltage
Range
08
V
V
OUT Swing
R
L=10k, Vo min.
0.003
.02
V
R
L=10k, Vo max.
7.94
7.98
R
L=2k, Vo min.
0.003
.02
R
L=2k, Vo max.
7.9
7.95
A
VOL
Large Signal Voltage Gain
No Load, Vo = 2V to 7V
74.8
87.6
dB
R
L=10 k
Ω,Vo=2Vto7V
66.8
75.1
R
L=2 k
Ω, Vo = 2V to 7V
55.8
AV
IN
Supply Voltage
412
V
CMRR
Common Mode Rejection
Ratio
V
CM stepped from 0V to 0.9V
72
93.5
dB
V
CM stepped from 3V to 8V
80
105
V
CM stepped from 0V to 8V
57
80.7
PSRR
Power Supply Rejection
Ratio
V
CM = 0.5V, AVIN =4to12V
70
77
dB
Is+
Supply Current (Amplifier +
Buffer)
Vo=AV
IN/2, No Load
2.5
4.3
mA
I
SC
Output Short Circuit Current
Source
45
60
mA
Sink
40
50
Electrical Characteristics — Gamma Buffer
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified VIN =2.2V, AVIN = 8V, RCOM =RGAMMA =50
Ω,C
COM =
C
GAMMA = 1nF.
Gamma Buffer
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
V
OS
Input Offset Voltage (Note 9)
1
10
mV
I
B
Input Bias Current (Note 8)
170
300
nA
V
GR
Gamma Input Voltage Range
08
V
V
OUT Swing
R
L=10k, Vo min.
0.05
0.075
V
R
L=10k, Vo max.
7.9
7.94
R
L=2k, Vo min.
0.05
0.075
R
L=2k, Vo max.
7.865
7.9
A
VCL
Voltage Gain
No Load, Vo = 2V to 7V
0.995
0.999
V/V
R
L=10 k
Ω,Vo=2Vto7V
0.995
0.999
R
L=2 k
Ω,Vo=2Vto7V
0.993
0.998
PSRR
Power Supply Rejection
Ratio
AV
IN =4to12V
70
77
dB
AV
IN
Supply Voltage
412
V
www.national.com
7


유사한 부품 번호 - LM2715SQ-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-1.5 HTC-LM27150R-1.5 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-1.8 HTC-LM27150R-1.8 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-12 HTC-LM27150R-12 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

유사한 설명 - LM2715SQ-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2702 NSC-LM2702 Datasheet
813Kb / 21P
   TFT Panel Module
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
LM2711 NSC-LM2711 Datasheet
846Kb / 20P
   TFT Panel Module
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAF800480E0-050SC CRYSTAIFONTZ-CFAF800480E0-050SC Datasheet
1Mb / 16P
   5??TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
logo
Rohm
BD8154EFV ROHM-BD8154EFV Datasheet
357Kb / 6P
   Main power supply for TFT-LCD panel module
logo
Sharp Corporation
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
   TFT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com