전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD712JR 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD712JR
상세설명  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD712JR 데이터시트(HTML) 3 Page - Analog Devices

  AD712JR Datasheet HTML 1Page - Analog Devices AD712JR Datasheet HTML 2Page - Analog Devices AD712JR Datasheet HTML 3Page - Analog Devices AD712JR Datasheet HTML 4Page - Analog Devices AD712JR Datasheet HTML 5Page - Analog Devices AD712JR Datasheet HTML 6Page - Analog Devices AD712JR Datasheet HTML 7Page - Analog Devices AD712JR Datasheet HTML 8Page - Analog Devices AD712JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD712
Rev. G | Page 3 of 20
SPECIFICATIONS
VS = ±15 V @ TA = 25°C, unless otherwise noted. Specifications in boldface are tested on all production units at final electrical test.
Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those
shown in boldface are tested on all production units.
Table 1.
AD712J/A/S
AD712K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
Initial Offset
0.3
3/1/1
0.2
1.0
mV
TMIN to TMAX
4/2/2
2.0
mV
vs. Temp
7
20/20/20
7
10
μV/°C
vs. Supply
76
95
80
100
dB
TMIN to TMAX
76/76/76
80
dB
Long-Term Offset Stability
15
15
μV/month
INPUT BIAS CURRENT2
VCM = 0 V
25
75
20
75
pA
VCM = 0 V @ TMAX
0.6/1.6/26
1.7/4.8/77
0.5
1.7
nA
VCM = ±10 V
100
100
pA
INPUT OFFSET CURRENT
VCM = 0 V
10
25
5
25
pA
VCM = 0 V @ TMAX
0.3/0.7/11
0.6/1.6/26
0.1
0.6
nA
MATCHING CHARACTERISTICS
Input Offset Voltage
3/1/1
1.0
mV
TMIN to TMAX
4/2/2
2.0
mV
Input Offset Voltage Drift
20/20/20
10
μV/°C
Input Bias Current
25
25
pA
Crosstalk
@ f = 1 kHz
120
120
dB
@ f = 100 kHz
90
90
dB
FREQUENCY RESPONSE
Small Signal Bandwidth
3.0
4.0
3.4
4.0
MHz
Full Power Response
200
200
kHz
Slew Rate
16
20
18
20
V/μs
Settling Time to 0.01%
1.0
1.2
1.0
1.2
μs
Total Harmonic Distortion
0.0003
0.0003
%
INPUT IMPEDANCE
Differential
3×1012||5.5
3×1012||5.5
Ω||pF
Common Mode
3×1012||5.5
3×1012||5.5
Ω||pF
INPUT VOLTAGE RANGE
Differential3
±20
±20
V
Common-Mode Voltage4
+14.5, −11.5
+14.5, −11.5
V
TMIN to TMAX
−VS + 4
+VS − 2
−VS + 4
+VS − 2
V
Common-Mode Rejection
Ratio
VCM = ±10 V
76
88
80
88
dB
TMIN to TMAX
76/76/76
84
80
84
dB
VCM = ±11 V
70
84
76
84
dB
TMIN to TMAX
70/70/70
80
74
80
dB
INPUT VOLTAGE NOISE
2
2
μV p-p
45
45
nV/√Hz
22
22
nV/√Hz
18
18
nV/√Hz
16
16
nV/√Hz


유사한 부품 번호 - AD712JR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD712JR AD-AD712JR Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712JR-REEL AD-AD712JR-REEL Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712JR-REEL7 AD-AD712JR-REEL7 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
More results

유사한 설명 - AD712JR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com