전자부품 데이터시트 검색엔진 |
|
LM4040DIM3-2.0 데이터시트(PDF) 6 Page - National Semiconductor (TI) |
|
|
LM4040DIM3-2.0 데이터시트(HTML) 6 Page - National Semiconductor (TI) |
6 / 31 page LM4040-2.0 Electrical Characteristics (Industrial Temperature Range) (Continued) Boldface limits apply for T A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades A and B designate initial Re- verse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively. Symbol Parameter Conditions Typical (Note 4) LM4040AIM3 LM4040AIZ (Limit) (Note 5) LM4040BIM3 LM4040BIZ LM4040BIM7 (Limit) (Note 5) Units (Limit) ∆V R Reverse Breakdown Voltage Long Term Stability t = 1000 hrs T = 25˚C ±0.1˚C I R = 100 µA 120 ppm V HYST Thermal Hysteresis (Note 8) ∆T = −40˚C to +125˚C 0.08 % LM4040-2.0 Electrical Characteristics (Industrial Temperature Range) Boldface limits apply for T A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively. Symbol Parameter Conditions Typical (Note 4) LM4040CIM3 LM4040CIZ LM4040CIM7 (Limit) (Note 5) LM4040DIM3 LM4040DIZ LM4040DIM7 (Limit) (Note 5) LM4040EIM7 LM4040EIZ (Limit) (Note 5) Units (Limit) V R Reverse Breakdown Voltage I R = 100 µA 2.048 V Reverse Breakdown Voltage Tolerance (Note 6) I R = 100 µA ±10 ±20 ±41 mV (max) ±23 ±40 ±60 mV (max) I RMIN Minimum Operating Current 45 µA 60 65 65 µA (max) 65 70 70 µA (max) ∆V R/ ∆T Average Reverse Breakdown Voltage Temperature Coefficient (Note 6) I R =10 mA ±20 ppm/˚C I R =1 mA ±15 ±100 ±150 ±150 ppm/˚C (max) I R = 100 µA ±15 ppm/˚C ∆V R/ ∆I R Reverse Breakdown Voltage Change with Operating Current Change (Note *NO TARGET FOR *) I RMIN ≤ I R ≤ 1 mA 0.3 mV 0.8 1.0 1.0 mV (max) 1.0 1.2 1.2 mV (max) 1mA ≤ I R ≤ 15 mA 2.5 mV 6.0 8.0 8.0 mV (max) 8.0 10.0 10.0 mV (max) Z R Reverse Dynamic Impedance I R = 1 mA, f = 120 Hz 0.3 Ω I AC = 0.1 IR 0.9 1.1 1.1 Ω(max) e N Wideband Noise I R = 100 µA 35 µV rms 10 Hz ≤ f ≤ 10 kHz ∆V R Reverse Breakdown Voltage Long Term Stability t = 1000 hrs T = 25˚C ±0.1˚C 120 ppm I R = 100 µA V HYST Thermal Hysteresis (Note 8) ∆T = −40˚C to +125˚C 0.08 % www.national.com 6 |
유사한 부품 번호 - LM4040DIM3-2.0 |
|
유사한 설명 - LM4040DIM3-2.0 |