전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6270 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L6270
상세설명  MILLI-ACTUATOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6270 데이터시트(HTML) 1 Page - STMicroelectronics

  L6270 Datasheet HTML 1Page - STMicroelectronics L6270 Datasheet HTML 2Page - STMicroelectronics L6270 Datasheet HTML 3Page - STMicroelectronics L6270 Datasheet HTML 4Page - STMicroelectronics L6270 Datasheet HTML 5Page - STMicroelectronics L6270 Datasheet HTML 6Page - STMicroelectronics L6270 Datasheet HTML 7Page - STMicroelectronics L6270 Datasheet HTML 8Page - STMicroelectronics L6270 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
90V BCD MIXED TECHNOLOGY
SO24 AND SO20 PLASTIC SMD PACKAGE
4.5 TO 13.2V OPERATIVE VOLTAGE
±25 TO ±40V OUTPUT VOLTAGE RANGE
SELECTABLE BY EXTERNAL RESISTOR
FULL-WAVE
RESONANT
DC-DC
CON-
VERTER USING SINGLE COIL FOR DUAL
HIGH VOLTAGE GENERATOR WITH OUT-
PUT SLEW RATE CONTROL AND SELF
CURRENT LIMITING
LINEAR MODE AND BANG-BANG MODE
±40V OR 0/+80V OPERATIVE VOLTAGE
DRIVING CONFIGURATION MODES:
1. SINGLE ENDED VOLTAGE MODE
2. DIFFERENTIAL VOLTAGE MODE
3. SINGLE ENDED CHARGE MODE
DOUBLE OPERATIONAL AMPLIFIERS WITH
500KHZ GAIN BANDWIDTH PRODUCT AND
LOAD DRIVING CAPABILITY FROM 0.4NF
UP TO 24NF
2.5V VOLTAGE REFERENCE
2.5V ANALOG SHIFTING CIRCUITRY
POWER SAVING SLEEP MODE
DESCRIPTION
The L6270/1 is a piezoelectric actuator driver.
This is preliminary information on a new product now in development. Details are subject to change without notice.
February 1999
®
COIL
+
-
+
-
RESONANT
DC-DC
STEP-UP
CONTROLLER
HVP
HVM
HVP
HVM
1
1
1
1
K
K
K
K
2.5V
50K
SLEEP
ANALOG LEVEL
SHIFTER
VOUT=VIN-2.5
VOUT
VIN
BAND-GAP
REFERENCE
+
-
+
-
INTERNAL
CURRENT
BIAS
100
µA
VSUPPLY
VSUPPLY
4.5V-13V
CRES
BANG-LIN
V512-AP
COIL
HVP
POWER
SUPPLY
INB-
3
21
20
24
17
INB+
16
RC
COMP
22
INA-
8
INA+
9
SLEEP
7
11
10
V-SHIFTED
VIN0-5
13
12
GND-A
VREF
100nF
25K
14
IREF
15
DC2REF
RREFDC
20
5
6
V512A
OUT1-A
OUTK-A
23
HVM
OUT1-B
19
18
OUTK-B
GND-P
2
HBRIDGE
1
D98IN959A
+40V
-40V
100nF
47nF
100nF
Vfdb
1
BLOCK DIAGRAM
SO20
SO24
ORDERING NUMBERS:
L6270
L6271
L6270
L6271
MILLI-ACTUATOR DRIVER
PRODUCT PREVIEW
1/10


유사한 부품 번호 - L6270

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
   5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
DAICO Industries, Inc.
L6278 DAICO-L6278 Datasheet
49Kb / 1P
   Broadband LNA
L6278AC DAICO-L6278AC Datasheet
49Kb / 1P
   Broadband LNA
More results

유사한 설명 - L6270

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6660 STMICROELECTRONICS-L6660 Datasheet
102Kb / 9P
   MILLI-ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
   DOOR ACTUATOR DRIVER
July 2004 REV. 3
logo
Mitsubishi Electric Sem...
M63001FP MITSUBISHI-M63001FP Datasheet
87Kb / 10P
   6CH ACTUATOR DRIVER
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
   DOOR ACTUATOR DRIVER
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
   Door actuator driver
September 2013 Rev 4
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
   Door actuator driver
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
   Door actuator driver
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
   Door actuator driver
logo
Rohm
BU64562GWZ ROHM-BU64562GWZ Datasheet
721Kb / 24P
   Piezoelectric Actuator Driver
logo
STMicroelectronics
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
   Door actuator driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com