전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ22 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 SMAJ22
상세설명  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ22 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ22 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ22 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ22 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ22 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GALAXY ELECTRICAL
FEATURES
Plastic package
has underwriters laboratory
flammability classification 94V-0
Optimized for LAN protection applications
Low profile package with built-in strain relief for
surface mounted applications
Glass passivated junction
Low incremental surge resistance, excellent clamping
capability
400W peak pulse power capability with a 10/1000µs wave-
form, repetition rate (duty cycle): 0.01% (300W above 78V)
Very fast response time
High temperature soldering guaranteed: 250°C/10
seconds at terminals
MECHANICAL DATA
Case:JEDEC DO-214AC molded plastic over passivated
chip
Terminals:
solder plated, solderable per MIL-STD-750,
method 2026
Polarity:
foruni-directional types the color band denotes
the cathode, which is postitive with respect to the
anode under normal TVS operation
Mounting position:
any Weight: 0.002 ounces, 0.064 grams
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g. SMAJ10C, SMAJ10CA). Electrical characteristics apply in both directions.
Operating junction and storage temperature range
TJ, TSTG
-55---+150
(3) Mounted on minimum recommended pad layout.
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal.
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25
per Fig. 2. Rating is 300W above 78V.
Typical thermal resistance, junction to ambient (NOTE 3)
RθJA
120.0
/W
A
/W
RθJL
Peak forw ard surge current, 8.3ms single half sine-w ave
ffff uni-directional only (NOTE 2)
Typical thermal resistance, junction to ambient (NOTE 3)
IFSM
40.0
30
Peak pulse current w ith a 10/1000μs w aveform (NOTE 1)
IPPM
See
next table
A
Peak pow er dissipation w ith a 10/1000μs w aveform (NOTE 1,2, FIG.1)
PPPM
Minimum 400
W
SMAJ5.0---SMAJ188CA
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 5.0 --- 188 V
PEAK PULSE POWER: 400 W
DO-214AC(SMA)
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
UNIT
VALUE
SYMBOL
BLGALAXYELECTRICAL
Document Number 0285005
1.
www.galaxycn.com
BL


유사한 부품 번호 - SMAJ22

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMAJ22 SOCAY-SMAJ22 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ22 JGD-SMAJ22 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ22 HORNBY-SMAJ22 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMAJ22 VISHAY-SMAJ22 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
logo
Silicon Standard Corp.
SMAJ22 SSC-SMAJ22 Datasheet
632Kb / 4P
   Transient Voltage Suppressors
More results

유사한 설명 - SMAJ22

제조업체부품명데이터시트상세설명
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com