전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28138 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL28138
상세설명  4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28138 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL28138 Datasheet HTML 2Page - Intersil Corporation ISL28138 Datasheet HTML 3Page - Intersil Corporation ISL28138 Datasheet HTML 4Page - Intersil Corporation ISL28138 Datasheet HTML 5Page - Intersil Corporation ISL28138 Datasheet HTML 6Page - Intersil Corporation ISL28138 Datasheet HTML 7Page - Intersil Corporation ISL28138 Datasheet HTML 8Page - Intersil Corporation ISL28138 Datasheet HTML 9Page - Intersil Corporation ISL28138 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6336.2
February 19, 2008
FIGURE 13. INPUT CURRENT NOISE DENSITY vs FREQUENCY
FIGURE 14. INPUT VOLTAGE NOISE 0.1Hz to 10Hz
FIGURE 15. LARGE SIGNAL STEP RESPONSE
FIGURE 16. SMALL SIGNAL STEP RESPONSE
FIGURE 17. ISL28138 ENABLE TO OUTPUT RESPONSE
Typical Performance Curves V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open, unless otherwise specified. (Continued)
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 1k
AV = +1
CL = 16.3pF
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0
1
23
4
5
6789
10
TIME (s)
V+ = 5V
RL = 10k
Rg = 10
AV = 10k
CL = 16.3pF
Rf = 100k
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
01
23456
789
TIME (µs)
V+, V- = ±2.5V
RL = 1k
Rg = Rf =10k
AV = 2
CL = 16.3pF
VOUT = 3VP-P
10
0.010
0.015
0.020
0.025
01
234
567
89
10
TIME (µs)
V+, V- = ±2.5V
RL = 1k
Rg= Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 10mVP-P
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10203040
50
6070
80
90
100
TIME (µs)
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
V+ = 5V
Rg = Rf = 10k
AV = +2
VOUT = 1VP-P
CL = 16.3pF
VEN
VOUT
RL = 10k
ISL28138, ISL28238


유사한 부품 번호 - ISL28138

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FBZ RENESAS-ISL28138FBZ Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FBZ-T7 RENESAS-ISL28138FBZ-T7 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FHZ-T7 RENESAS-ISL28138FHZ-T7 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FHZ-T7A RENESAS-ISL28138FHZ-T7A Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
More results

유사한 설명 - ISL28138

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28148 INTERSIL-ISL28148 Datasheet
881Kb / 18P
   4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com