전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28138 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL28138
상세설명  4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28138 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL28138 Datasheet HTML 1Page - Intersil Corporation ISL28138 Datasheet HTML 2Page - Intersil Corporation ISL28138 Datasheet HTML 3Page - Intersil Corporation ISL28138 Datasheet HTML 4Page - Intersil Corporation ISL28138 Datasheet HTML 5Page - Intersil Corporation ISL28138 Datasheet HTML 6Page - Intersil Corporation ISL28138 Datasheet HTML 7Page - Intersil Corporation ISL28138 Datasheet HTML 8Page - Intersil Corporation ISL28138 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6336.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28138, ISL28238
4.5MHz, Single and Dual Precision
Rail-to-Rail Input-Output (RRIO) Op Amps
with Very Low Input Bias Current
The ISL28138 and ISL28238 are 4.5MHz low-power single
and dual operational amplifiers. The parts are optimized for
single supply operation from 2.4V to 5.5V, allowing operation
from one lithium cell or two Ni-Cd batteries.
The parts feature an Input Range Enhancement Circuit
(IREC) which enables them to maintain CMRR performance
for input voltages greater than the positive supply. The input
signal is capable of swinging 0.25V above the positive
supply and to 100mV below the negative supply with only a
slight degradation of the CMRR performance. The output
operation is rail-to-rail.
The parts draw minimal supply current (900µA per amplifier)
while meeting excellent DC accuracy, AC performance,
noise and output drive specifications. The ISL28138 features
an enable pin that can be used to turn the device off and
reduce the supply current to less than 20µA. Operation is
guaranteed over -40°C to +125°C temperature range.
Features
• 4.5MHz gain bandwidth product
• 900µA supply current (per amplifier)
• 300µV maximum offset voltage
• 1pA typical input bias current
• Down to 2.4V single supply voltage range
• Rail-to-rail input and output
• Output sources and sinks 60mA load current
• Enable pin (ISL28138)
• -40°C to +125°C operation
• Pb-free (RoHS compliant)
Applications
• Low-end audio
• 4mA to 20mA current loops
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG. DWG. #
ISL28138FHZ-T7*
GABR
6 Ld SOT-23
MDP0038
ISL28138FHZ-T7A* GABR
6 Ld SOT-23
MDP0038
ISL28138FBZ
28138 FBZ
8 Ld SOIC
MDP0027
ISL28138FBZ-T7*
28138 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28238FBZ
28238 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28238FBZ-T7*
28238 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28238FUZ
8238Z
8 Ld MSOP
MDP0043
Coming Soon
ISL28238FUZ-T7*
8238Z
8 Ld MSOP
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL28138
(6 LD SOT-23)
TOP VIEW
ISL28138
(8 LD SO)
TOP VIEW
ISL28238
(8 LD SO)
TOP VIEW
ISL28238
(8 LD MSOP)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
EN
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
EN
V+
OUT
V-
NC
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
Data Sheet
February 19, 2008


유사한 부품 번호 - ISL28138

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FBZ RENESAS-ISL28138FBZ Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FBZ-T7 RENESAS-ISL28138FBZ-T7 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FHZ-T7 RENESAS-ISL28138FHZ-T7 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FHZ-T7A RENESAS-ISL28138FHZ-T7A Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
More results

유사한 설명 - ISL28138

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28148 INTERSIL-ISL28148 Datasheet
881Kb / 18P
   4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com