전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21007 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL21007
상세설명  Precision, Low Noise FGA?줧oltage References
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL21007 Datasheet HTML 1Page - Intersil Corporation ISL21007 Datasheet HTML 2Page - Intersil Corporation ISL21007 Datasheet HTML 3Page - Intersil Corporation ISL21007 Datasheet HTML 4Page - Intersil Corporation ISL21007 Datasheet HTML 5Page - Intersil Corporation ISL21007 Datasheet HTML 6Page - Intersil Corporation ISL21007 Datasheet HTML 7Page - Intersil Corporation ISL21007 Datasheet HTML 8Page - Intersil Corporation ISL21007 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN6326.7
December 13, 2007
Ordering Information
PART NUMBER
(Notes 1, 2)
PART MARKING
VOUT OPTION
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL21007BFB812Z
21007BF Z12
1.250
±0.5mV, 3ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB812Z
21007CF Z12
1.250
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB812Z
21007DF Z12
1.250
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007BFB820Z
21007BF Z20
2.048
±0.5mV, 3ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB820Z
21007CF Z20
2.048
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB820Z
21007DF Z20
2.048
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007BFB825Z
21007BF Z25
2.500
±0.5mV, 3ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB825Z
21007CF Z25
2.500
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB825Z
21007DF Z25
2.500
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007BFB830Z
21007BF Z30
3.000
±0.5mV, 3ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB830Z
21007CF Z30
3.000
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB830Z
21007DF Z30
3.000
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
2. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
ISL21007


유사한 부품 번호 - ISL21007

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results

유사한 설명 - ISL21007

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21060 RENESAS-ISL21060 Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com