전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21009CFB841Z 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL21009CFB841Z
상세설명  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009CFB841Z 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL21009CFB841Z Datasheet HTML 5Page - Intersil Corporation ISL21009CFB841Z Datasheet HTML 6Page - Intersil Corporation ISL21009CFB841Z Datasheet HTML 7Page - Intersil Corporation ISL21009CFB841Z Datasheet HTML 8Page - Intersil Corporation ISL21009CFB841Z Datasheet HTML 9Page - Intersil Corporation ISL21009CFB841Z Datasheet HTML 10Page - Intersil Corporation ISL21009CFB841Z Datasheet HTML 11Page - Intersil Corporation ISL21009CFB841Z Datasheet HTML 12Page - Intersil Corporation ISL21009CFB841Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN6327.6
September 12, 2007
FIGURE 20. LOAD REGULATION
FIGURE 21. VOUT vs TEMPERATURE
FIGURE 22. PSRR AT DIFFERENT CAPACITIVE LOADS
FIGURE 23. LINE TRANSIENT RESPONSE, NO CAPACITIVE
LOAD
FIGURE 24. LINE TRANSIENT RESPONSE, 0.001µF LOAD
CAPACITANCE
FIGURE 25. TURN-ON TIME
Typical Performance Curves (ISL21009-25) (R
EXT = 100kΩ) (Continued)
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
-7
-6
-5
-4
-3
-2
-1
0
SINKING
OUTPUT CURRENT (mA)
SOURCING
1
234
567
+25°C
+125°C
-40°C
2.4993
2.4994
2.4995
2.4996
2.4997
2.4998
2.4999
2.5000
2.5001
2.5002
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
UNIT 3
UNIT 2
UNIT 1
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
500kHz PEAK
VIN (DC) = 10V
10nF
1nF
100nF
NO LOAD
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
TIME (ms)
VIN
HIGH IIN
MEDIUM IIN
LOW IIN
ISL21009


유사한 부품 번호 - ISL21009CFB841Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21009CFB841Z INTERSIL-ISL21009CFB841Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009CFB841Z RENESAS-ISL21009CFB841Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

유사한 설명 - ISL21009CFB841Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com