전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21007CFB820Z 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL21007CFB820Z
상세설명  Precision, Low Noise FGA?줧oltage References
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007CFB820Z 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL21007CFB820Z Datasheet HTML 7Page - Intersil Corporation ISL21007CFB820Z Datasheet HTML 8Page - Intersil Corporation ISL21007CFB820Z Datasheet HTML 9Page - Intersil Corporation ISL21007CFB820Z Datasheet HTML 10Page - Intersil Corporation ISL21007CFB820Z Datasheet HTML 11Page - Intersil Corporation ISL21007CFB820Z Datasheet HTML 12Page - Intersil Corporation ISL21007CFB820Z Datasheet HTML 13Page - Intersil Corporation ISL21007CFB820Z Datasheet HTML 14Page - Intersil Corporation ISL21007CFB820Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN6326.7
December 13, 2007
FIGURE 31. LINE REGULATION (3 UNITS)
FIGURE 32. LINE REGULATION OVER TEMPERATURE
FIGURE 33. LOAD REGULATION OVER TEMPERATURE
FIGURE 34. VOUT vs TEMPERATURE (3 UNITS)
FIGURE 35. PSRR vs CAPACITIVE LOADS
FIGURE 36. LINE TRANSIENT RESPONSE, NO CAPACITIVE
LOAD
Typical Performance Curves (ISL21007-25) (R
EXT = 100kΩ) (Continued)
2.4996
2.4997
2.4998
2.4999
2.5000
2.5001
2.5002
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
UNIT 1
UNIT 2
UNIT 3
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
2.5
3.0
3.5
4.5
5.0
5.5
VIN (V)
4.0
6.0
+125°C
+25°C
-40°C
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-7
-2
1
2
3
4
5
6
7
-6
-5 -4
-3
-1
0
+125°C
-40°C
+25°C
SINKING
SOURCING
OUTPUT CURRENT (mA)
2.4993
2.4994
2.4995
2.4996
2.4997
2.4998
2.4999
2.5000
2.5001
2.5002
2.5003
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
UNIT 1
UNIT 2
UNIT 3
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1.E+00
1.E+02
1.E+04
1.E+06
FREQUENCY (Hz)
10nF
NO LOAD
1nF
100nF
1µF
Y: 10µs/DIV
X: 200mV/DIV
ΔV
IN = -0.3V
ΔV
IN = +0.3V
ISL21007


유사한 부품 번호 - ISL21007CFB820Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21007CFB820Z INTERSIL-ISL21007CFB820Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007CFB820Z RENESAS-ISL21007CFB820Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

유사한 설명 - ISL21007CFB820Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21060 RENESAS-ISL21060 Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com