전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6386 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L6386
상세설명  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L6386 Datasheet HTML 2Page - STMicroelectronics L6386 Datasheet HTML 3Page - STMicroelectronics L6386 Datasheet HTML 4Page - STMicroelectronics L6386 Datasheet HTML 5Page - STMicroelectronics L6386 Datasheet HTML 6Page - STMicroelectronics L6386 Datasheet HTML 7Page - STMicroelectronics L6386 Datasheet HTML 8Page - STMicroelectronics L6386 Datasheet HTML 9Page - STMicroelectronics L6386 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (
°C)
Typ.
@ Vcc = 15V
Figure 5. Turn On Time vs. Temperature
-45
-25
0
25
50
75
100
125
7
8
9
10
11
12
13
14
15
Tj (
°C)
Typ.
@ Vcc = 15V
Figure 8. VBOOT UV Turn On Threshold vs.
Temperature
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (
°C)
Typ.
@ Vcc = 15V
Figure 6. Turn Off Time vs. Temperature
-45
-25
0
25
50
75
100
125
7
8
9
10
11
12
13
14
15
Tj (
°C)
Typ.
@ Vcc = 15V
Figure 9. VBOOT UV Turn Off Threshold vs.
Temperature
-45
-25
0
255075
100
125
0
50
100
150
200
250
Tj (
°C)
Typ.
@ Vcc = 15V
Figure 7. Shutdown Time vs. Temperature
-45
-25
0
25
50
75
100
125
1
1.5
2
2.5
3
Tj (
°C)
Typ.
@ Vcc = 15V
Figure 10. VBOOT UV Hysteresis
L6386
6/10


유사한 부품 번호 - L6386

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6386AD STMICROELECTRONICS-L6386AD Datasheet
208Kb / 17P
   High-voltage high and low side driver
L6386AD STMICROELECTRONICS-L6386AD Datasheet
293Kb / 15P
   High voltage high and low-side driver
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
208Kb / 17P
   High-voltage high and low side driver
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
293Kb / 15P
   High voltage high and low-side driver
L6386ADTR STMICROELECTRONICS-L6386ADTR Datasheet
293Kb / 15P
   High voltage high and low-side driver
More results

유사한 설명 - L6386

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com