전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL41334 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL41334
상세설명  짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL41334 Datasheet HTML 1Page - Intersil Corporation ISL41334 Datasheet HTML 2Page - Intersil Corporation ISL41334 Datasheet HTML 3Page - Intersil Corporation ISL41334 Datasheet HTML 4Page - Intersil Corporation ISL41334 Datasheet HTML 5Page - Intersil Corporation ISL41334 Datasheet HTML 6Page - Intersil Corporation ISL41334 Datasheet HTML 7Page - Intersil Corporation ISL41334 Datasheet HTML 8Page - Intersil Corporation ISL41334 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN6202.3
November 21, 2007
Pin Descriptions
PIN
MODE
FUNCTION
GND
BOTH
Ground connection.
LB
BOTH
Enables loopback mode when low. Internally pulled-high.
NC
BOTH
No Connection.
ON/OFF
BOTH
If either port is in RS-232 mode, a low on ON/OFF disables the charge pumps. In either mode, a low disables all the outputs,
and places the device in low power shutdown. Internally pulled-high. ON = 1 for normal operation.
RXEN1
RXEN2
BOTH
Active low receiver output enable. Rx is enabled when RXEN is low; Rx is high impedance when RXEN is high. Internally
pulled low. (QFN only)
SEL
BOTH
Interface Mode Select input. High puts corresponding port in RS-485 Mode, while a low puts it in RS-232 Mode.
VCC
BOTH
System power supply input (5V).
VL
BOTH
Logic-Level Supply. All TTL/CMOS inputs and outputs are powered by this supply. QFN logic input pins that are externally
tied high in the application should use the VL supply for the high voltage level. (QFN only)
A
RS-232 Receiver input with ±15kV ESD protection. A low on A forces RA high; a high on A forces RA low.
RS-485 Inverting receiver input with ±15kV ESD protection.
B
RS-232 Receiver input with ±15kV ESD protection. A low on B forces RB high; a high on B forces RB low.
RS-485 Noninverting receiver input with ±15kV ESD protection.
DY
RS-232 Driver input. A low on DY forces output Y high. Similarly, a high on DY forces output Y low.
RS-485 Driver input. A low on DY forces output Y high and output Z low. Similarly, a high on DY forces output Y low and output Z high.
DZ
RS-232 Driver input. A low on DZ forces output Z high. Similarly, a high on DZ forces output Z low.
DE
RS-485 Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is
low. Internally pulled high when port selected for RS-485 mode.
RA
RS-232 Receiver output.
RS-485 Receiver output: If B > A by at least -40mV, RA is high; If B < A by -200mV or more, RA is low; RA = High if A and B are
unconnected (floating) or shorted together (i.e., full fail-safe).
RB
RS-232 Receiver output.
RS-485 Not used. Internally pulled-high, and unaffected by RXEN.
Y
RS-232 Driver output with ±15kV ESD protection.
RS-485 Inverting driver output with ±15kV ESD protection.
Z
RS-232 Driver output with ±15kV ESD protection.
RS-485 Noninverting driver output with ±15kV ESD protection.
SP
RS-485 Speed control. Internally pulled-high. (QFN only)
C1+
RS-232 External capacitor (voltage doubler) is connected to this lead. Not needed if both ports in RS-485 Mode.
C1-
RS-232 External capacitor (voltage doubler) is connected to this lead. Not needed if both ports in RS-485 Mode.
C2+
RS-232 External capacitor (voltage inverter) is connected to this lead. Not needed if both ports in RS-485 Mode.
C2-
RS-232 External capacitor (voltage inverter) is connected to this lead. Not needed if both ports in RS-485 Mode.
V+
RS-232 Internally generated positive RS-232 transmitter supply (+5.5V). C3 not needed if both ports in RS-485 Mode.
V-
RS-232 Internally generated negative RS-232 transmitter supply (-5.5V). C4 not needed if both ports in RS-485 Mode.
ISL81334, ISL41334


유사한 부품 번호 - ISL41334

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL41334 INTERSIL-ISL41334 Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334 INTERSIL-ISL41334 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL41334 INTERSIL-ISL41334 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL41334 RENESAS-ISL41334 Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL41334 INTERSIL-ISL41334 Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results

유사한 설명 - ISL41334

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com