전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL41334IRZ-T 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL41334IRZ-T
상세설명  짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ-T 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL41334IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 12Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 13Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN6202.3
November 21, 2007
Driver Maximum Data Rate
fMAX
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
2000
-
kbps
RS-485 DRIVER SWITCHING CHARACTERISTICS (SLOW DATA RATE (115kbps, QFN ONLY), SEL = VCC, SPA = GND, SPB = VCC)
Driver Differential Input to Output
Delay
tDLH,
tDHL
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
800
1500
2500
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
350
1250
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
1000
2000
3100
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 3)
Full
-
32
600
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 3)
Full
-
300
600
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 3)
Full
-
31
60
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 3)
Full
-
24
60
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3)
Full
-
65
800
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3)
Full
-
420
800
ns
Driver Maximum Data Rate
fMAX
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
800
-
kbps
RS-485 RECEIVER SWITCHING CHARACTERISTICS (SEL = VCC, ALL VERSIONS AND SPEEDS)
Receiver Input to Output Delay
tPLH, tPHL (Figure 4)
Full
20
50
90
ns
Receiver Skew | tPLH - tPHL |tSKEW
(Figure 4)
Full
-
0.1
10
ns
Receiver Maximum Data Rate
fMAX
Full
-
40
-
Mbps
RECEIVER ENABLE/DISABLE CHARACTERISTICS (ALL MODES AND SPEEDS)
Receiver Enable to Output Low
tZL
QFN Only, CL = 15pF, SW = VCC (Figure 5)
Full
-
22
60
ns
Receiver Enable to Output High
tZH
QFN Only, CL = 15pF, SW = GND (Figure 5)
Full
-
23
60
ns
Receiver Disable from Output Low
tLZ
QFN Only, CL = 15pF, SW = VCC (Figure 5)
Full
-
24
60
ns
Receiver Disable from Output High
tHZ
QFN Only, CL = 15pF, SW = GND (Figure 5)
Full
-
25
60
ns
Receiver Enable from Shutdown to
Output Low
tZLSHDN CL = 15pF, SW = VCC (Figure 5)
RS-485 Mode
Full
-
260
700
ns
RS-232 Mode
25
-
35
-
ns
Receiver Enable from Shutdown to
Output High
tZHSHDN CL = 15pF, SW = GND (Figure 5) RS-485 Mode
Full
-
260
700
ns
RS-232 Mode
25
-
25
-
ns
NOTES:
6. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
7. Supply current specification is valid for loaded drivers when DE = 0V (RS-485 mode only).
8. Applies to peak current. See “Typical Performance Curves” starting on page 19 for more information.
9. RIN defaults to RS-485 mode (>15kΩ) when the device is unpowered (VCC = 0V), or in SHDN, regardless of the state of the SEL inputs.
10. VCC ≤ 5.25V.
11. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V, C1 - C4 = 0.1µF, VL = VCC (for QFN only); Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = +25°C (Note 6). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
MAX
(Note 11) UNITS
ISL81334, ISL41334


유사한 부품 번호 - ISL41334IRZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL41334IRZ-T RENESAS-ISL41334IRZ-T Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ-T7A RENESAS-ISL41334IRZ-T7A Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
More results

유사한 설명 - ISL41334IRZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com