전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3295E 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL3295E
상세설명  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3295E 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL3295E Datasheet HTML 1Page - Intersil Corporation ISL3295E Datasheet HTML 2Page - Intersil Corporation ISL3295E Datasheet HTML 3Page - Intersil Corporation ISL3295E Datasheet HTML 4Page - Intersil Corporation ISL3295E Datasheet HTML 5Page - Intersil Corporation ISL3295E Datasheet HTML 6Page - Intersil Corporation ISL3295E Datasheet HTML 7Page - Intersil Corporation ISL3295E Datasheet HTML 8Page - Intersil Corporation ISL3295E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN6544.0
ISL3293E, ISL3294E, ISL3295E, ISL3296E,
ISL3297E, ISL3298E
±16.5kV ESD Protected, +125°C, 3.0V to
5.5V, SOT-23/TDFN Packaged, Low Power,
RS-485/RS-422 Transmitters
The Intersil ISL3293E, ISL3294E, ISL3295E, ISL3296E,
ISL3297E, ISL3298E are ±16.5kV HBM ESD Protected (7kV
IEC61000 contact), 3.0V to 5.5V powered, single
transmitters for balanced communication using the RS-485
and RS-422 standards. These drivers have very low bus
currents (±40mA), so they present less than a “1/8 unit load”
to the RS-485 bus. This allows more than 256 transmitters on
the network without violating the RS-485 specification’s
32 unit load maximum, and without using repeaters.
Hot Plug circuitry ensures that the Tx outputs remain in a
high impedance state while the power supply stabilizes.
The ISL3293E, ISL3294E, ISL3296E, ISL3297E utilize slew
rate limited drivers which reduce EMI, and minimize reflections
from improperly terminated transmission lines, or from
unterminated stubs in multidrop and multipoint applications.
Drivers on the ISL3295E and ISL3298E are not limited, so they
can achieve the 20Mbps data rate. All versions are offered in
Industrial and Extended Industrial (-40°C to +125°C)
temperature ranges.
A 26% smaller footprint is available with the ISL3296E,
ISL3297E, ISL3298E’s TDFN package. These devices also
feature a logic supply pin (VL) that sets the switching points
of the DE and DI inputs to be compatible with a lower supply
voltage in mixed voltage systems.
For companion single RS-485 receivers in micro packages,
please see the ISL3280E, ISL3281E, ISL3282E, ISL3283E,
ISL3284E data sheet.
Features
High ESD Protection on RS-485 Outputs . . ±16.5kV HBM
- IEC61000-4-2 Contact Test Method . . . . . . . . . . . . ±7kV
- Class 3 ESD Level on all Other Pins . . . . . . >8kV HBM
• Specified for +125°C Operation (VCC ≤ 3.6V Only)
• Logic Supply Pin (VL) Eases Operation in Mixed Supply
Systems (ISL3296E through ISL3298E Only)
• Hot Plug - Tx Outputs Remain Three-state During
Power-up
• Low Tx Leakage Allows >256 Devices on the Bus
• High Data Rates . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
• Low Quiescent Supply Current . . . . . . . . . . .150µA (Max)
- Very Low Shutdown Supply Current . . . . . . . 1µA (Max)
• -7V to +12V Common Mode Output Voltage Range
(VCC ≤ 3.6V Only)
• Current Limiting and Thermal Shutdown for Driver
Overload Protection (VCC ≤ 3.6V Only)
• Tri-statable Tx Outputs
• 5V Tolerant Logic Inputs When VCC ≤5V
• Pb-Free (RoHS Compliant)
Applications
• Clock Distribution
• High Node Count Systems
• Space Constrained Systems
• Security Camera Networks
• Building Environmental Control/Lighting Systems
• Industrial/Process Control Networks
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
FUNCTION
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
HOT
PLUG?
VL PIN?
TX
ENABLE?
(Note 10)
MAXIMUM
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL3293E
1 Tx
0.25
YES
YES
NO
YES
150
YES
6 Ld SOT
ISL3294E
1 Tx
0.5
YES
YES
NO
YES
150
YES
6 Ld SOT
ISL3295E
1 Tx
20
NO
YES
NO
YES
150
YES
6 Ld SOT
ISL3296E
1 Tx
0.25
YES
YES
YES
YES
150
YES
8 Ld TDFN
ISL3297E
1 Tx
0.5
YES
YES
YES
YES
150
YES
8 Ld TDFN
ISL3298E
1 Tx
20
NO
YES
YES
YES
150
YES
8 Ld TDFN
Data Sheet
September 19, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL3295E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL3295E RENESAS-ISL3295E Datasheet
986Kb / 17P
   High node count systems
ISL3295EFHZ-T RENESAS-ISL3295EFHZ-T Datasheet
986Kb / 17P
   High node count systems
ISL3295EIHZ-T RENESAS-ISL3295EIHZ-T Datasheet
986Kb / 17P
   High node count systems
More results

유사한 설명 - ISL3295E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com