전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3296EIRTZ-T 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL3296EIRTZ-T
상세설명  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3296EIRTZ-T 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL3296EIRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL3296EIRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL3296EIRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL3296EIRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL3296EIRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL3296EIRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL3296EIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL3296EIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL3296EIRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN6544.0
September 19, 2007
Pinouts
ISL3293E, ISL3294E, ISL3295E
(6 LD SOT-23)
TOP VIEW
ISL3296E, ISL3297E, ISL3298E
(8 LD TDFN)
TOP VIEW
NOTE: BOTH GND PINS MUST BE CONNECTED
DI
VCC
DE
1
2
3
6
5
4
Y
GND
Z
D
2
3
4
1
7
6
5
8
VL
DE
DI
GND
VCC
Z
Y
GND
D
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
(Note 3)
TEMP.
RANGE
(°C)
PACKAGE
(Tape and Reel)
(Pb-Free)
PKG.
DWG. #
ISL3293EFHZ-T
293F
-40 to +125 6 Ld SOT-23
P6.064
ISL3293EIHZ-T
293I
-40 to +85 6 Ld SOT-23
P6.064
ISL3294EFHZ-T
294F
-40 to +125 6 Ld SOT-23
P6.064
ISL3294EIHZ-T
294I
-40 to +85 6 Ld SOT-23
P6.064
ISL3295EFHZ-T
295F
-40 to +125 6 Ld SOT-23
P6.064
ISL3295EIHZ-T
295I
-40 to +85 6 Ld SOT-23
P6.064
ISL3296EFRTZ-T 96F
-40 to +125 8 Ld TDFN
L8.2x3A
ISL3296EIRTZ-T 96I
-40 to +85 8 Ld TDFN
L8.2x3A
ISL3297EFRTZ-T 97F
-40 to +125 8 Ld TDFN
L8.2x3A
ISL3297EIRTZ-T 97I
-40 to +85 8 Ld TDFN
L8.2x3A
ISL3298EFRTZ-T 98F
-40 to +125 8 Ld TDFN
L8.2x3A
ISL3298EIRTZ-T 98I
-40 to +85 8 Ld TDFN
L8.2x3A
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-
free material sets; molding compounds/die attach materials and
100% matte tin plate PLUS ANNEAL - e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
2. Please refer to TB347 for details on reel specifications.
3. SOT-23 “PART MARKING” is branded on the bottom side.
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
DE (Note 10)
DI
Z
Y
1101
1010
0
X
High-Z *
High-Z *
NOTE: *Shutdown Mode
ISL3293E, ISL3294E, ISL3295E, ISL3296E, ISL3297E, ISL3298E


유사한 부품 번호 - ISL3296EIRTZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL3296EIRTZ-T RENESAS-ISL3296EIRTZ-T Datasheet
986Kb / 17P
   High node count systems
More results

유사한 설명 - ISL3296EIRTZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com