전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28166 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL28166
상세설명  39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28166 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL28166 Datasheet HTML 1Page - Intersil Corporation ISL28166 Datasheet HTML 2Page - Intersil Corporation ISL28166 Datasheet HTML 3Page - Intersil Corporation ISL28166 Datasheet HTML 4Page - Intersil Corporation ISL28166 Datasheet HTML 5Page - Intersil Corporation ISL28166 Datasheet HTML 6Page - Intersil Corporation ISL28166 Datasheet HTML 7Page - Intersil Corporation ISL28166 Datasheet HTML 8Page - Intersil Corporation ISL28166 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6155.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28166, ISL28266
39µA Micropower Single and Dual
Rail-to-Rail Input-Output Low Input Bias
Current (RRIO) Op Amps
The ISL28166 and ISL28266 are micropower precision
operational amplifiers optimized for single supply operation
at 5V and can operate down to 2.4V.
These devices feature an Input Range Enhancement Circuit
(IREC), which enables them to maintain CMRR performance
for input voltages greater than the positive supply. The input
signal is capable of swinging 0.5V above a 5.0V supply (0.25
for a 2.5V supply) and to within 10mV from ground. The
output operation is rail-to-rail.
The 1/f corner of the voltage noise spectrum is at 1kHz. This
results in low frequency noise performance, which can only
be found on devices with an order of magnitude higher than
the supply current.
ISL28166 and ISL28266 can be operated from one lithium
cell or two Ni-Cd batteries. The input range includes both
positive and negative rail. The output swings to both rails.
Features
• 39µA typical supply current
• 5nA max input bias current
• 250kHz gain bandwidth product (AV = 1)
• 2.4V to 5V single supply voltage range
• Rail-to-rail input and output
• Enable pin (ISL28166 only)
• Pb-free (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 20mA current loops
• Handheld consumer products
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28166FHZ-T7*
GABY
6 Ld SOT-23
MDP0038
Coming Soon
ISL28266FUZ
8266Z
8 Ld MSOP
MDP0043
Coming Soon
ISL28266FUZ-T7*
8266Z
8 Ld MSOP
MDP0043
Coming Soon
ISL28266FBZ
28266 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28266FBZ-T7*
28266 FBZ
8 Ld SOIC
MDP0027
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL28166
(6 LD SOT-23)
TOP VIEW
ISL28266
(8 LD MSOP)
TOP VIEW
ISL28266
(8 LD SOIC)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
ENABLE
IN-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
Data Sheet
March 20, 2008


유사한 부품 번호 - ISL28166

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
ISL28166EVAL1Z RENESAS-ISL28166EVAL1Z Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28166FHZ-T7 INTERSIL-ISL28166FHZ-T7 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results

유사한 설명 - ISL28166

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com