전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28268FUZ-T7 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL28268FUZ-T7
상세설명  34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28268FUZ-T7 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL28268FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6378.2
September 13, 2007
FIGURE 31. CMRR vs TEMPERATURE, VCM = -2.5V TO +2.5V,
V+, V- = ±2.5V
FIGURE 32. PSRR vs TEMPERATURE, V+, V- = ±1.2V TO ±2.75V
FIGURE 33. AVOL vs TEMPERATURE, V+, V- = ±2.5V, VO = -2V
to +2V, RL = 100k
FIGURE 34. AVOL vs TEMPERATURE, V+, V- = ±2.5V, VO = -2V
to +2V, RL = 1k
FIGURE 35. VOUT HIGH vs TEMPERATURE, V+, V- = ±2.5V,
RL = 1k
FIGURE 36. VOUT HIGH vs TEMPERATURE, V+, V- = ±2.5V,
RL = 100k
Typical Performance Curves V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open (Continued)
70
80
90
100
110
120
130
140
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
MEDIAN
MAX
N = 1000
MIN
80
90
100
110
120
130
140
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
80
90
100
110
120
130
140
-40
-20
0
2040
6080
100
120
MEDIAN
MAX
N = 1000
MIN
100
150
200
250
300
350
400
450
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MIN
N = 1000
MAX
20
25
30
35
40
45
50
55
60
65
70
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MAX
MIN
N = 1000
4.84
4.85
4.86
4.87
4.88
4.89
4.90
4.91
4.92
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
N = 1000
MIN
MEDIAN
4.9955
4.9960
4.9965
4.9970
4.9975
4.9980
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
N = 1000
MIN
MEDIAN
ISL28168, ISL28268


유사한 부품 번호 - ISL28268FUZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28268FUZ INTERSIL-ISL28268FUZ Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28268FUZ RENESAS-ISL28268FUZ Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
More results

유사한 설명 - ISL28268FUZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com