전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC818 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 BC818
상세설명  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC818 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BC818 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC818 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC818 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC818 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN General Purpose Amplifier
BC818
Document number: BL/SSSTC102
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA IE=0
30
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=10mA IB=0
B
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA IC=0
5
V
Collector cut-off current
ICBO
VCB=25V IE=0
0.1
μ
A
Emitter cut-off current
IEBO
VEB=4V IC=0
0.1
μ
A
DC current gain
818-16
818-25
818-40
hFE
VCE=1V IC=100mA
100
160
250
250
400
630
Collector-emitter saturation voltage VCE(sat)
IC=500mA IB=50mA
B
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA IB=50mA
B
1.2
V
Transition frequency
fT
VCE=5V
IC=50mA
f=100MHz
170
MHz


유사한 부품 번호 - BC818

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BC818 FAIRCHILD-BC818 Datasheet
31Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
KODENSHI_AUK CORP.
BC818 KODENSHI-BC818 Datasheet
260Kb / 4P
   High current application
logo
Nanjing International G...
BC818 DGNJDZ-BC818 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
General Semiconductor
BC818 GE-BC818 Datasheet
227Kb / 5P
   Small Signal Transistors (NPN)
logo
Shenzhen Jin Yu Semicon...
BC818 HTSEMI-BC818 Datasheet
361Kb / 2P
   TRANSISTOR (NPN)
More results

유사한 설명 - BC818

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com