전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 BC846
상세설명  NPN general purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC846 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BC846 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC846 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC846 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC846 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN
general purpose Transistor
BC846/847/848
Document number: BL/SSSTC043
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol Test conditions
MIN
TYP MAX
UNIT
Collector-base breakdown voltage
BC846
BC847
BC848
V(BR)CBO IC=10μA,IE=0
80
50
30
V
Collector-emitter breakdown voltage
BC846
BC847
BC848
V(BR)CEO IC=10mA,IB=0
B
65
45
30
V
Emitter-base breakdown voltage
BC846
BC847
BC848
V(BR)EBO IE=10μA,IC=0
6
6
5
V
Collector cut-off current
BC846
BC847
BC848
ICBO
VCB=70V,IE=0
VCB=50V,IE=0
VCB=30V,IE=0
0.1
μA
Collector cut-off current
BC846
BC847
BC848
ICEO
VCE=60V,IB=0
B
VCE=45V,IB=0
B
VCE=30V,IB=0
B
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
BC846A,847A,848A
BC846B,847B,848B
BC846C,847C,848C
hFE
VCE=5V,IC=2mA
110
200
420
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=5m
B
A
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=5m
B
A
1.1
V
Transition frequency
fT
VCE=5V, IC= 10mA
f=100MHz
100
MHz


유사한 부품 번호 - BC846

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC846 RECTRON-BC846 Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
ON Semiconductor
BC846 ONSEMI-BC846 Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
logo
Diodes Incorporated
BC846 DIODES-BC846 Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
More results

유사한 설명 - BC846

제조업체부품명데이터시트상세설명
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com