전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59530 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL59530
상세설명  16x16 Video Crosspoint
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59530 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL59530 Datasheet HTML 1Page - Intersil Corporation ISL59530 Datasheet HTML 2Page - Intersil Corporation ISL59530 Datasheet HTML 3Page - Intersil Corporation ISL59530 Datasheet HTML 4Page - Intersil Corporation ISL59530 Datasheet HTML 5Page - Intersil Corporation ISL59530 Datasheet HTML 6Page - Intersil Corporation ISL59530 Datasheet HTML 7Page - Intersil Corporation ISL59530 Datasheet HTML 8Page - Intersil Corporation ISL59530 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
FN6220.6
August 29, 2007
Pin Descriptions
72 LD QFN
356 LD BGA
NAME
DESCRIPTION
27
Y8
IN0
Crosspoint Video Input
26
Y6
IN1
Crosspoint Video Input
21
Y4
IN2
Crosspoint Video Input
19
Y2
IN3
Crosspoint Video Input
16
V1
IN4
Crosspoint Video Input
15
T1
IN5
Crosspoint Video Input
13
P1
IN6
Crosspoint Video Input
12
M1
IN7
Crosspoint Video Input
8
K1
IN8
Crosspoint Video Input
7
H1
IN9
Crosspoint Video Input
5
F1
IN10
Crosspoint Video Input
4
D1
IN11
Crosspoint Video Input
72
A1
IN12
Crosspoint Video Input
70
A3
IN13
Crosspoint Video Input
64
A5
IN14
Crosspoint Video Input
63
A7
IN15
Crosspoint Video Input
29
Y10
OUT0
Crosspoint Video Output
30
Y12
OUT1
Crosspoint Video Output
33
W14
OUT2
Crosspoint Video Output
34
W16
OUT3
Crosspoint Video Output
41
V20
OUT4
Crosspoint Video Output
42
T20
OUT5
Crosspoint Video Output
44
P19
OUT6
Crosspoint Video Output
45
M19
OUT7
Crosspoint Video Output
48
K20
OUT8
Crosspoint Video Output
49
H20
OUT9
Crosspoint Video Output
51
F19
OUT10
Crosspoint Video Output
52
D19
OUT11
Crosspoint Video Output
56
A17
OUT12
Crosspoint Video Output
57
A15
OUT13
Crosspoint Video Output
59
B13
OUT14
Crosspoint Video Output
60
B11
OUT15
Crosspoint Video Output
-
W10
OVER0
Overlay Logic Control (with pull-down)
-
W12
OVER1
Overlay Logic Control (with pull-down)
-
Y14
OVER2
Overlay Logic Control (with pull-down)
-
Y16
OVER3
Overlay Logic Control (with pull-down)
-
V19
OVER4
Overlay Logic Control (with pull-down)
ISL59530


유사한 부품 번호 - ISL59530

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530IKZ INTERSIL-ISL59530IKZ Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results

유사한 설명 - ISL59530

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
   High Performance 16x16 Serial Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com