전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59451IRZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL59451IRZ
상세설명  Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59451IRZ 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL59451IRZ Datasheet HTML 2Page - Intersil Corporation ISL59451IRZ Datasheet HTML 3Page - Intersil Corporation ISL59451IRZ Datasheet HTML 4Page - Intersil Corporation ISL59451IRZ Datasheet HTML 5Page - Intersil Corporation ISL59451IRZ Datasheet HTML 6Page - Intersil Corporation ISL59451IRZ Datasheet HTML 7Page - Intersil Corporation ISL59451IRZ Datasheet HTML 8Page - Intersil Corporation ISL59451IRZ Datasheet HTML 9Page - Intersil Corporation ISL59451IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN6253.0
September 24, 2007
Typical Performance Curves VCC = +5V, RL = 150Ω to GND, TA = +25°C, unless otherwise specified.
FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL
INTO 150
Ω LOAD, GAIN = 1
FIGURE 2. LARGE SIGNAL GAIN vs FREQUENCY vs CL
INTO 150
Ω LOAD, GAIN = 1
FIGURE 3. SMALL SIGNAL GAIN vs FREQUENCY vs CL
INTO 150
Ω LOAD, GAIN = 2
FIGURE 4. LARGE SIGNAL GAIN vs FREQUENCY vs CL
INTO 150
Ω LOAD, GAIN = 2
FIGURE 5. SMALL SIGNAL GAIN FLATNESS, GAIN = 1
FIGURE 6. LARGE SIGNAL GAIN FLATNESS, GAIN = 1
-20
-15
-10
-5
0
5
0.1k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
CL = 12.6pF
CL = 7.4pF
CL = 2.1pF
CL = 5.3pF
VIN = 100mVP-P
CL = 0.6pF
-20
-15
-10
-5
0
5
0.1k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
CL = 12.6pF
CL = 7.4pF
CL = 2.1pF
CL = 5.3pF
CL = 0.6pF
VIN = 700mVP-P
-20
-15
-10
-5
0
5
0.1k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
CL = 12.6pF
CL = 7.4pF
CL = 2.1pF
CL = 5.3pF
VIN = 100mVP-P
CL = 0.6pF
-20
-15
-10
-5
0
5
0.1k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
CL = 12.6pF
CL = 7.4pF
CL = 2.1pF
CL = 5.3pF
VIN = 700mVP-P
CL = 0.6pF
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
0.1k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
CL = 2.1pF
CL = 7.4pF
CL = 5.3pF
VIN = 100mVP-P
CL = 0.6pF
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
0.1k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
CL = 2.1pF
CL = 7.4pF
CL = 5.3pF
VIN = 700mVP-P
CL = 0.6pF
ISL59451


유사한 부품 번호 - ISL59451IRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59451IRZ RENESAS-ISL59451IRZ Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
ISL59451IRZ-T7 RENESAS-ISL59451IRZ-T7 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results

유사한 설명 - ISL59451IRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59451 RENESAS-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
   DC-Restored Video Amplifier
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com