전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59481IRZ-T13 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL59481IRZ-T13
상세설명  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59481IRZ-T13 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL59481IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6208.4
May 18, 2007
4:1 RGB Differential Video MUX
Connecting the channel select pins in parallel (S0-1 to S0-2
and S1-1 to S1-2) converts the 8 individual RGB video inputs
into 4 differential RGB input pairs. The amplifier RGB outputs
are similarly paired resulting in a fully differential 4:1 RGB
MUX amp shown in Figure 18. Connecting HIZ1 and HIZ2 to
+5V disables the 4:1 differential MUX, and enables the
connection of additional differential-connected MUX amplifiers
to the same outputs, thus allowing input expansion to 8:1 or
more.
FIGURE 18. APPLICATION CIRCUIT FOR 4:1 RGB DIFFERENTIAL VIDEO MUX
S1
S0
OUTA, B, C
0
0
CH0A, B, C
0
1
CH1A, B, C
1
0
CH2A, B, C
1
1
CH3A, B, C
+1
+1
ISL59481
1/3 MUX-AMP1
1/3 MUX-AMP2
OUTA
OUTA1
IN0A1
OUTA2
IN1A2
IN1A1
IN2A1
IN3A1
IN0A2
IN2A2
IN3A2
S0-1
S1-1
HIZ1
S0-2
S1-2
HIZ2
CH0A THROUGH CH3A
CHANNEL SELECT
CHANNELS B AND C
NOT SHOWN
LOGIC INPUTS
+
-
S0
S1
HIZ
CH0
CH1
CH2
CH1
+
-
+
-
+
-
+
-
CHANNEL SELECT TRUTH TABLE
4:1 DIFFERENTIAL VIDEO MUX
CONTROL
LOGIC
CONTROL
LOGIC


유사한 부품 번호 - ISL59481IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59481IRZ-T13 INTERSIL-ISL59481IRZ-T13 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481IRZ-T13 RENESAS-ISL59481IRZ-T13 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

유사한 설명 - ISL59481IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com