전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59440IA 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL59440IA
상세설명  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IA 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL59440IA Datasheet HTML 3Page - Intersil Corporation ISL59440IA Datasheet HTML 4Page - Intersil Corporation ISL59440IA Datasheet HTML 5Page - Intersil Corporation ISL59440IA Datasheet HTML 6Page - Intersil Corporation ISL59440IA Datasheet HTML 7Page - Intersil Corporation ISL59440IA Datasheet HTML 8Page - Intersil Corporation ISL59440IA Datasheet HTML 9Page - Intersil Corporation ISL59440IA Datasheet HTML 10Page - Intersil Corporation ISL59440IA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6162.2
October 10, 2007
FIGURE 19. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 20. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 23. ROUT vs FREQUENCY
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
TIME (4ns/DIV)
120
80
40
0
-40
-80
-120
160
-160
AV = 1
CL = 1.6pF
RF = 332Ω
RL = 500Ω
TIME (4ns/DIV)
2.0
1.6
1.2
0.8
0.4
0
-0.4
-0.8
2.4
AV = 2
CL= 5.5pF
RG = RF = 511Ω
RL = 500Ω
893mW
θ
JA =
11
2°C
/W
QS
O
P1
6
1.4
1.2
1.0
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
633mW
θ
JA =1
58°
C/W
QS
OP
16
1.2
1.0
0.8
0.6
0.4
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
100
10
1
0.1
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
AV = 1, VOUT = 100mVP-P
AV = 2, VOUT = 2VP-P
AV = 1
AV = 2
ISL59440


유사한 부품 번호 - ISL59440IA

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59440IA INTERSIL-ISL59440IA Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IA RENESAS-ISL59440IA Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IA-T13 INTERSIL-ISL59440IA-T13 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440IA-T7 INTERSIL-ISL59440IA-T7 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results

유사한 설명 - ISL59440IA

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com