전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59311IRZ-T13 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL59311IRZ-T13
상세설명  Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59311IRZ-T13 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL59311IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN6372.3
April 25, 2007
Test Circuits and Waveforms
FIGURE 1A. VOD AND VOC
FIGURE 1B. VOD WITH COMMON MODE LOAD
FIGURE 1. DC DRIVER TEST CIRCUITS
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER DATA RATE
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RECEIVER PROPAGATION DELAY AND DATA RATE
D
SDATA
VOD
VOC
50
Ω
50
Ω
SOUT-
SOUT+
D
SDATA
VOD
50
Ω
50
Ω
SOUT-
SOUT+
VCM
0V to 5V
D
SDATA
SIGNAL
GENERATOR
CL = 50pF
100
Ω
SOUT-
SOUT+
CL = 50pF
SOUT-
5V
0V
2.5V
2.5V
VOH
VOL
SOUT+
tPLH
tPHL
DIFF OUT
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
SKEW = |tPLH - tPHL|
(SOUT+ - SOUT-)
D
SDATA
SIGNAL
GENERATOR
SOUT±
ISINK
ISOURCE
50pF
SOUT±
SOUT±
tPLZ
TRANSMIT
10%
tPZL
1.5V
tPHZ
tPZH
90%
3.5V
2.5V
2.5V
SIGNAL
GENERATOR
R
SDATA
SIN+
SIN-
2.5V
50pF
SDATA
4.0V
1.0V
tPLH
2.5V
2.5V
VCCS = 5V
0V
1.5V
1.5V
tPHL
SIN+
ISL59311


유사한 부품 번호 - ISL59311IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59311IRZ-T13 INTERSIL-ISL59311IRZ-T13 Datasheet
387Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
ISL59311IRZ-T13 INTERSIL-ISL59311IRZ-T13 Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Renesas Technology Corp
ISL59311IRZ-T13 RENESAS-ISL59311IRZ-T13 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
More results

유사한 설명 - ISL59311IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
ISL59311 INTERSIL-ISL59311 Datasheet
387Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com