전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD103AWS 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 SD103AWS
상세설명  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD103AWS 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SD103AWS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD103AWS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD103AWS Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BL Galaxy Electrical
Production specification
Schottky Barrier Diode
SD103AWS/SD103BWS/SD103CWS
Document number: BL/SSSKB025
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Lead-free
Low Forward Voltage Drop.
Guard Ring Construction For Transient
Protection.
Negligible Reverse Recovery Time.
Low Reverse Capacitance.
APPLICATIONS
Schotty barrier switching.
SOD-323
ORDERING INFORMATION
Type No.
Marking
Package Code
SD103AWS
S4
SOD-323
SD103BWS
S5
SOD-323
SD103CWS
S6
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
SD103AWS
SD103BWS
SD103CWS
Unit
Peak Repetitive Peak reverse voltage
Working Peak
DC Reverse Voltage
VRR
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current
IF
350
mA
Repetitive Peak Forward Current
@t≤1.0s
IFRM
1.5
A
Power Dissipation
Pd
400
mW
Thermal Resistance Junction to
Ambient
RθjA
300
℃/W
Storage temperature
Tstg
-65~+125
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


유사한 부품 번호 - SD103AWS

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
SD103AWS CHENDA-SD103AWS Datasheet
316Kb / 3P
   Schottky Barrier Diode
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Galaxy Semi-Conductor H...
SD103AWS BILIN-SD103AWS Datasheet
274Kb / 4P
   Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AWS SECOS-SD103AWS Datasheet
370Kb / 2P
   0.35AMP Surf ace Mount Schottky Barrier Rectifiers
logo
SMC Diode Solutions Co....
SD103AWS SMCDIODE-SD103AWS Datasheet
260Kb / 4P
   SD103AWS-SD103CWS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER DIODE
Rev. B
More results

유사한 설명 - SD103AWS

제조업체부품명데이터시트상세설명
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com