전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD107WS 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 SD107WS
상세설명  Silicon Epitaxial Planar Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD107WS 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SD107WS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD107WS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Diode
SD107WS
Document number: BL/SSSKB027
www.galaxycn.com
Rev.A
1
FEATURES
Low forward voltage drop.
Guard ring die construction for transient protection.
Pb
Lead-free
Ideal for low logic level applications.
Low capacitance.
APPLICATIONS
Schottky barrier switching
SOD-323
ORDERING INFORMATION
Type No.
Marking
Package Code
SD107WS
SG
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak Repetitive reverse voltage
VRRM
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward continuous Current
IF
100
mA
Non-Repetitive Peak Forward Surge Current @tp≤10ms
IFSM
750
mA
Power dissipation
Pd
250
mW
Thermal resistance junction to ambient air
RθjA
500
/W
Junction temperature
Tj
150
Storage temperature
TSTG
-65~+150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
VR
30
V
IR=100μA
300
IF=2mA
360
IF=15mA
470
550
IF=50mA
Forward voltage
VF
580
800
mV
IF=100mA
Reverse current
IR
1.0
μA
VR=25V
Capacitance between terminals
CT
7
pF
VR=10V,f=1MHz


유사한 부품 번호 - SD107WS

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD107WS DIODES-SD107WS Datasheet
62Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
logo
Shenzhen Luguang Electr...
SD107WS LUGUANG-SD107WS Datasheet
191Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
General Semiconductor
SD107WS GE-SD107WS Datasheet
78Kb / 1P
   SCHOTTKY DIODES
logo
List of Unclassifed Man...
SD107WS ETC2-SD107WS Datasheet
171Kb / 2P
   Halogen free available upon request by adding suffix
logo
Guangdong Kexin Industr...
SD107WS KEXIN-SD107WS Datasheet
34Kb / 1P
   SCHOTTKY DIODE
More results

유사한 설명 - SD107WS

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com