전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS8050 데이터시트(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

부품명 SS8050
상세설명  Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS8050 데이터시트(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SS8050 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS8050 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS8050 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SS8050 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Transistor
SS8050
Document number: BL/SSSTC086
www.galaxycn.com
Rev.A
4
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
G
K
H
J
E
D
C
B
A
PACKAGE INFORMATION
Device
Package
Shipping
SS8050
SOT-23
3000/Tape&Reel


유사한 부품 번호 - SS8050

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
   TRANSISTOR (NPN)
logo
Nanjing International G...
SS8050 DGNJDZ-SS8050 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
SS8050 DGNJDZ-SS8050 Datasheet
513Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Shenzhen Luguang Electr...
SS8050 LUGUANG-SS8050 Datasheet
1Mb / 3P
   Silicon Epitaxial Planar Transistor
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
More results

유사한 설명 - SS8050

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com