전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28195FRUZ-T7 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL28195FRUZ-T7
상세설명  Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28195FRUZ-T7 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL28195FRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28195FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28195FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28195FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28195FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28195FRUZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28195FRUZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28195FRUZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28195FRUZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6236.3
October 9, 2007
FIGURE 35. ISL28194 VOS vs TEMPERATURE, V+ = 5V
VIN = 2.5V, 4.7V
FIGURE 36. ISL28195 VOS vs TEMPERATURE, V+ = 5V
VIN = 2.5V, 4.7V
FIGURE 37. ISL28194 VOS vs TEMPERATURE, V+ = 1.8V,
VIN = 1.5V, 0.3V
FIGURE 38. ISL28195 VOS vs TEMPERATURE, V+ = 1.8V,
VIN = 1.5V, 0.3V
FIGURE 39. ISL28194 CMRR vs TEMPERATURE,
VCM = +1.0V TO -2.0V, +5.1V TO -0.1V
FIGURE 40. ISL28195 CMRR vs TEMPERATURE,
VCM = +1.0V TO -2.0V, +5.1V TO -0.1V
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, Unless Otherwise Specified. (Continued)
-170
-150
-130
-110
-90
-70
-50
-30
-40
-20
0
204060
80
100
120
TEMPERATURE (°C)
MEDIAN VIN = 2.5V
MEDIAN VIN = 4.7V
N = 1000
-375
-325
-275
-225
-175
-125
-75
-25
25
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN VIN = 2.5V
MEDIAN VIN = 4.7V
N = 1000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN VIN = 1.5V
MEDIAN VIN = 0.3V
N = 1000
-375
-335
-295
-255
-215
-175
-135
-95
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN VIN = 1.5V
MEDIAN VIN = 0.3V
N = 1000
84
86
88
90
92
94
96
98
100
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN VCM: +1.0V TO -2.0V
MEDIAN VCM: +5.1V TO -0.1V
N = 1000
84
86
88
90
92
94
96
98
100
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN VCM: +1.0V TO -2.0V
MEDIAN VCM: +5.1V TO -0.1V
N = 1000
ISL28194, ISL28195


유사한 부품 번호 - ISL28195FRUZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28195FRUZ-T7 INTERSIL-ISL28195FRUZ-T7 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
More results

유사한 설명 - ISL28195FRUZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28196 INTERSIL-ISL28196 Datasheet
337Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Linear Technology
LT6003 LINER-LT6003 Datasheet
291Kb / 20P
   1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Dimensions Semic...
LT6003CDC-TRMPBF LINEAR_DIMENSIONS-LT6003CDC-TRMPBF Datasheet
1Mb / 20P
   1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com