전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28286 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL28286
상세설명  Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28286 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL28286_07 Datasheet HTML 4Page - Intersil Corporation ISL28286_07 Datasheet HTML 5Page - Intersil Corporation ISL28286_07 Datasheet HTML 6Page - Intersil Corporation ISL28286_07 Datasheet HTML 7Page - Intersil Corporation ISL28286_07 Datasheet HTML 8Page - Intersil Corporation ISL28286_07 Datasheet HTML 9Page - Intersil Corporation ISL28286_07 Datasheet HTML 10Page - Intersil Corporation ISL28286_07 Datasheet HTML 11Page - Intersil Corporation ISL28286_07 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6312.1
June 28, 2007
FIGURE 25. AVOL vs TEMPERATURE, V+, V- = ±2.5V, RL = 100k
FIGURE 26. AVOL vs TEMPERATURE, V+, V- = ±2.5V, RL = 1k
FIGURE 27. CMRR vs TEMPERATURE, VCM = +2.5V TO -2.5V,
V+, V- = ±2.5V
FIGURE 28. PSRR vs TEMPERATURE, V+, V- = ±1.2V TO ±2.75V
FIGURE 29. VOUT HIGH vs TEMPERATURE, V+, V- = ±2.5V,
RL = 1k
FIGURE 30. VOUT HIGH vs TEMPERATURE, V+, V- = ±2.5V,
RL = 100k
Typical Performance Curves V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open (Continued)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
270
370
470
570
670
770
870
970
1070
MIN
MEDIAN
MAX
N = 1150
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
30
50
70
90
110
130
150
MIN
MEDIAN
MAX
N = 1150
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
80
90
100
110
120
130
140
MIN
MEDIAN
MAX
N = 1150
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
80
90
100
110
120
130
140
MIN
MEDIAN
MAX
N = 1150
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
4.85
4.86
4.87
4.88
4.89
4.90
4.91
MIN
MEDIAN
MAX
N = 1150
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
4.9956
4.9958
4.9960
4.9962
4.9964
4.9966
4.9968
4.9970
4.9972
MIN
MEDIAN
MAX
N = 1150
ISL28286, ISL28486


유사한 부품 번호 - ISL28286_07

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28286FUZ INTERSIL-ISL28286FUZ Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
logo
Renesas Technology Corp
ISL28286FUZ RENESAS-ISL28286FUZ Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28286FUZ-T7 INTERSIL-ISL28286FUZ-T7 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results

유사한 설명 - ISL28286_07

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
   Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
   Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com