전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43122IHZ-T 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL43122IHZ-T
상세설명  Low-Voltage, Single Supply, Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43122IHZ-T 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL43122IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL43122IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL43122IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL43122IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL43122IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43122IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43122IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43122IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43122IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6033.5
October 18, 2007
Pinouts (Note 1)
ISL43120
(8 LD SOT-23)
TOP VIEW
ISL43121
(8 LD SOT-23)
TOP VIEW
ISL43122
(8 LD SOT-23)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
V+
IN2
COM2
COM1
GND
NO2
IN1
6
7
8
5
1
2
3
4
NC1
V+
IN2
COM2
COM1
GND
NC2
IN1
6
7
8
5
1
2
3
4
NO1
V+
IN2
COM2
COM1
GND
NC2
IN1
6
7
8
5
1
2
3
4
Truth Table
IN1
IN2
ISL43120
ISL43121
ISL43122
NO1
NO2
NC1
NC2
NO1
NC2
0
0
OFF
OFF
ON
ON
OFF
ON
0
1
OFF
ON
ON
OFF
OFF
OFF
1
0
ON
OFF
OFF
ON
ON
ON
1
1
ON
ON
OFF
OFF
ON
OFF
NOTE:
Logic “0”
≤0.8V. Logic “1” ≥2.4V.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2.7V to +12V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
Ordering Information
PART NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(TAPE AND REEL)
PKG.
DWG. #
ISL43120IH-T*
120I
-40 to +85 8 Ld SOT-23
P8.064
ISL43120IHZ-T*
(Note)
120Z
-40 to +85 8 Ld SOT-23
(Pb-free)
P8.064
ISL43121IH-T*
121I
-40 to +85 8 Ld SOT-23
P8.064
ISL43121IHZ-T*
(Note)
121Z
-40 to +85 8 Ld SOT-23
(Pb-free)
P8.064
ISL43122IH-T*
122I
-40 to +85 8 Ld SOT-23
P8.064
ISL43122IHZ-T*
(Note)
122Z
-40 to +85 8 Ld SOT-23
(Pb-free)
P8.064
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
ISL43120, ISL43121, ISL43122


유사한 부품 번호 - ISL43122IHZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43122IHZ-T INTERSIL-ISL43122IHZ-T Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43122IHZ-T INTERSIL-ISL43122IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43122IHZ-T RENESAS-ISL43122IHZ-T Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results

유사한 설명 - ISL43122IHZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com