전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2599 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM2599
상세설명  SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2599 Datasheet HTML 6Page - National Semiconductor (TI) LM2599 Datasheet HTML 7Page - National Semiconductor (TI) LM2599 Datasheet HTML 8Page - National Semiconductor (TI) LM2599 Datasheet HTML 9Page - National Semiconductor (TI) LM2599 Datasheet HTML 10Page - National Semiconductor (TI) LM2599 Datasheet HTML 11Page - National Semiconductor (TI) LM2599 Datasheet HTML 12Page - National Semiconductor (TI) LM2599 Datasheet HTML 13Page - National Semiconductor (TI) LM2599 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM2599 Series Buck Regulator Design Procedure (Fixed Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
Given:
V
OUT = Regulated Output Voltage (3.3V, 5V or 12V)
V
IN(max) = Maximum DC Input Voltage
I
LOAD(max) = Maximum Load Current
Given:
V
OUT =5V
V
IN(max) = 12V
I
LOAD(max) = 3A
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from
Figure 4, Figure 5,or 6. (Output voltages of 3.3V, 5V, or 12V
respectively.) For all other voltages, see the design proce-
dure for the adjustable version.
B. From the inductor value selection guide, identify the in-
ductance region intersected by the Maximum Input Voltage
line and the Maximum Load Current line. Each region is
identified by an inductance value and an inductor code
(LXX).
C. Select an appropriate inductor from the four manufactur-
er’s part numbers listed in
Figure 8.
1. Inductor Selection (L1)
A. Use the inductor selection guide for the 5V version shown
in
Figure 5.
B. From the inductor value selection guide shown in
Figure 5,
the inductance region intersected by the 12V horizontal line
and the 3A vertical line is 33 µH, and the inductor code is
L40.
C. The inductance value required is 33 µH. From the table in
Figure 8, go to the L40 line and choose an inductor part
number from any of the four manufacturers shown. (In most
instance, both through hole and surface mount inductors are
available.)
2. Output Capacitor Selection (C
OUT)
A. In the majority of applications, low ESR (Equivalent Series
Resistance) electrolytic capacitors between 82 µF and 820
µF and low ESR solid tantalum capacitors between 10 µF
and 470 µF provide the best results. This capacitor should be
located close to the IC using short capacitor leads and short
copper traces. Do not use capacitors larger than 820 µF.
For additional information, see section on output capaci-
tors in application information section.
B. To simplify the capacitor selection procedure, refer to the
quick design component selection table shown in
Figure 2.
This table contains different input voltages, output voltages,
and load currents, and lists various inductors and output
capacitors that will provide the best design solutions.
C. The capacitor voltage rating for electrolytic capacitors
should be at least 1.5 times greater than the output voltage,
and often much higher voltage ratings are needed to satisfy
the low ESR requirements for low output ripple voltage.
D. For computer aided design software, see
Switchers
Made Simple (version 4.2.1 or later).
2. Output Capacitor Selection (C
OUT)
A. See section on output capacitors in application infor-
mation section.
B. From the quick design component selection table shown
in
Figure 2, locate the 5V output voltage section. In the load
current column, choose the load current line that is closest to
the current needed in your application, for this example, use
the 3A line. In the maximum input voltage column, select the
line that covers the input voltage needed in your application,
in this example, use the 15V line. Continuing on this line are
recommended inductors and capacitors that will provide the
best overall performance.
The capacitor list contains both through hole electrolytic and
surface mount tantalum capacitors from four different capaci-
tor manufacturers. It is recommended that both the manufac-
turers and the manufacturer’s series that are listed in the
table be used.
In this example aluminum electrolytic capacitors from several
different manufacturers are available with the range of ESR
numbers needed.
330 µF
35V
Panasonic HFQ Series
330 µF
35V
Nichicon PL Series
C. For a 5V output, a capacitor voltage rating at least 7.5V or
more is needed. But even a low ESR, switching grade, 220
µF 10V aluminum electrolytic capacitor would exhibit ap-
proximately 225 m
Ω of ESR (see the curve in Figure 17 for
the ESR vs voltage rating). This amount of ESR would result
in relatively high output ripple voltage. To reduce the ripple to
1% of the output voltage, or less, a capacitor with a higher
value or with a higher voltage rating (lower ESR) should be
selected. A 16V or 25V capacitor will reduce the ripple volt-
age by approximately half.
www.national.com
10


유사한 부품 번호 - LM2599

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2599S-12 NSC-LM2599S-12 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2599S-12/NOPB TI1-LM2599S-12/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599S-3.3 NSC-LM2599S-3.3 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2599S-3.3 TI1-LM2599S-3.3 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results

유사한 설명 - LM2599

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com