전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54001IRTZ 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL54001IRTZ
상세설명  Integrated Audio Amplifier Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54001IRTZ 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL54001IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54001IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54001IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54001IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54001IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54001IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54001IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54001IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54001IRTZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6458.2
October 17, 2007
FIGURE 5. CROSSTALK vs FREQUENCY
FIGURE 6. OFFISOLATION vs FREQUENCY
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. POWER DISSIPATION vs OUTPUT POWER
FIGURE 9. POWER DISSIPATION vs OUTPUT POWER
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
PROCESS:
Submicron CMOS
Typical Performance Curves TA = +25°C, Unless Otherwise Specified. (Continued)
FREQUENCY (Hz)
-120
-40
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
20
20k
50
100
200
500
1k
2k
5k
10k
RCH TO LCH
LCH TO RCH
VDD = 5V
PO = 800mW
VDD = 5V
PO = 800mW
FREQUENCY (Hz)
-160
-80
-155
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
20
20k
50
100
200
500
1k
2k
5k
10k
FREQUENCY (Hz)
-70
-20
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
10
20k
20
50
100
200
500
1k
2k
5k
10k
VDD = 5V
BTL
VRIPPLE = 200mVP-P
POUT (mW)
0
100
200
300
400
500
600
700
0
250
500
750
1000
VDD = 5V
BTL
RL = 8Ω
POUT (mW)
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
VDD = 3.6V
BTL
RL = 8Ω
ISL54000, ISL54001, ISL54002


유사한 부품 번호 - ISL54001IRTZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54001IRTZ RENESAS-ISL54001IRTZ Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
More results

유사한 설명 - ISL54001IRTZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
   Integrated Audio Amplifier Systems
logo
Intersil Corporation
ISL54004 INTERSIL-ISL54004 Datasheet
262Kb / 13P
   Integrated Audio Amplifier Systems
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
   Integrated Audio Amplifier Systems
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
[Old version datasheet]   Integrated Audio Amplifier System
logo
National Semiconductor ...
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
   Integrated Audio Amplifier System
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
   Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com