전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54047 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL54047
상세설명  Ultra Low ON-Resistance, High Off- Isolation, Single Supply, Diff SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54047 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL54047 Datasheet HTML 1Page - Intersil Corporation ISL54047 Datasheet HTML 2Page - Intersil Corporation ISL54047 Datasheet HTML 3Page - Intersil Corporation ISL54047 Datasheet HTML 4Page - Intersil Corporation ISL54047 Datasheet HTML 5Page - Intersil Corporation ISL54047 Datasheet HTML 6Page - Intersil Corporation ISL54047 Datasheet HTML 7Page - Intersil Corporation ISL54047 Datasheet HTML 8Page - Intersil Corporation ISL54047 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6503.0
May 31, 2007
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600Ω
25
-
0.016
-
%
NO Capacitance, COFF
f = 1MHz, VNO = VCOM = 0V, (See Figure 6)
25
-
48
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO = VCOM = 0V, (See Figure 6)
25
-
236
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = +3.6V, VIN = 0V or V+
25
-
0.01
-
μA
Full
-
0.52
-
μA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
25
-
-
0.5
V
Input Voltage High, VINH
25
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.3V, VIN = 0V or V+
Full
-0.5
-
0.5
μA
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.65V to +2V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.65V, ICOM = 100mA, VNO = 0V to V+,
(See Figure 4)
25
-
1.24
-
Ω
Full
-
1.34
-
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.65V, VNO = 1.0V, RL =50Ω, CL = 35pF,
(See Figure 1)
25
-
70
-
ns
Full
-
80
-
ns
Turn-OFF Time, tOFF
V+ = 1.65V, VNO = 1.0V, RL =50Ω, CL = 35pF,
(See Figure 1)
25
-
65
-
ns
Full
-
75
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 1V, RG = 0Ω, (See Figure 2)
25
-
53
-
pC
NO OFF Capacitance, COFF
f = 1MHz, VNO = VCOM = 0V, (See Figure 6)
25
-
52
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO = VCOM = 0V, (See Figure 6)
25
-
237
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
25
-
-
0.4
V
Input Voltage High, VINH
25
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
Full
-0.5
-
0.5
μA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
7. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max Ron
value, between NO1 and NO2.
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL54047


유사한 부품 번호 - ISL54047

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54047 INTERSIL-ISL54047 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54047 RENESAS-ISL54047 Datasheet
699Kb / 12P
   Ultra Low ON-Resistance, High Off-Isolation, Single Supply, Diff SPST Analog Switch
ISL54047IRUZ-T RENESAS-ISL54047IRUZ-T Datasheet
699Kb / 12P
   Ultra Low ON-Resistance, High Off-Isolation, Single Supply, Diff SPST Analog Switch
More results

유사한 설명 - ISL54047

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54047 RENESAS-ISL54047 Datasheet
699Kb / 12P
   Ultra Low ON-Resistance, High Off-Isolation, Single Supply, Diff SPST Analog Switch
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com