전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3200 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3200
상세설명  Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3200 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3200_05 Datasheet HTML 6Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 7Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 8Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 9Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 10Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 11Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 12Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 13Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical Performance Characteristics (Circuit in Figure 1,PV
IN =VDD = EN = 3.6V, BYP = 0V, TA =
25˚C, unless otherwise noted) (Continued)
R
DSON vs Temperature
(Bypass FET)
Dropout Voltage vs Output Current
(Bypass Mode)
20126134
20126141
Block Diagram
20126135
Operation Description
The LM3200 is a simple, step-down DC-DC converter with a
bypass switch, optimized for powering RF power amplifiers
(PAs) in mobile phones, portable communicators, and similar
battery powered RF devices. It is designed to allow the RF
PA to operate at maximum efficiency over a wide range of
power levels from a single Li-Ion battery cell. It is based on
current-mode buck architecture, with synchronous rectifica-
tion for high efficiency. It is designed for a maximum load
capability of 300 mA in PWM mode and 500 mA in bypass
mode. Maximum load range may vary from this depending
on input voltage, output voltage and the inductor chosen.
The device has three-pin selectable operating modes re-
quired for powering RF PAs in mobile phones and other
www.national.com
10


유사한 부품 번호 - LM3200_05

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3200TL NSC-LM3200TL Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200TL/NOPB TI1-LM3200TL/NOPB Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3200TLX NSC-LM3200TLX Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

유사한 설명 - LM3200_05

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com