전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL55143 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL55143
상세설명  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55143 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL55143 Datasheet HTML 1Page - Intersil Corporation ISL55143 Datasheet HTML 2Page - Intersil Corporation ISL55143 Datasheet HTML 3Page - Intersil Corporation ISL55143 Datasheet HTML 4Page - Intersil Corporation ISL55143 Datasheet HTML 5Page - Intersil Corporation ISL55143 Datasheet HTML 6Page - Intersil Corporation ISL55143 Datasheet HTML 7Page - Intersil Corporation ISL55143 Datasheet HTML 8Page - Intersil Corporation ISL55143 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6230.0
July 17, 2006
pO
Absolute Maximum Ratings
Thermal Information
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 19V
Input Voltages
PD, CVAX, CVBX, VINPX, VOH, VOL
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VEE -0.5V) to (VCC +0.5V)
Output Voltage
QAX, QBX . . . . . . . . . . . . . . . . . . . . . (VOL -0.5V) to (VOH +0.5V)
Thermal Resistance (Typical, Note 1, 2)
θJA (°C/W)
16 Ld QFN Package. . . . . . . . . . . . . . . . . . . . . . . . .
75
14 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
90
20 Ld QFN Package. . . . . . . . . . . . . . . . . . . . . . . . .
65
20 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
80
36 Ld QFN Package. . . . . . . . . . . . . . . . . . . . . . . . .
45
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Device temperature is closely tied to data-rates, driver loads and overall pin activity. Review Power Dissipation Considerations for more
information.
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Device Power
VCC-VEE
10
15
18
V
Comparator Output High Rail
VOH
VEE+1
VCC-0.5
V
Comparator Output Low Rail
VOL
VEE+0.5
VEE+6
V
Common Mode Input Voltage Range
VCM
VEE
VCC-5
V
Ambient Temperature
TA
-40
27
+85
°C
Junction Temperature
TJ
+125
°C
Electrical Specifications
Test Conditions: VCC = 12V, VEE = -3V, VOH = 5V, VOL = 0V, PD = VEE, CLOAD = 15pF, TA = 25°C, unless
otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Offset Voltage
VOS
CVAX = CVBX = 1.5V
-50
50
mV
Input Bias Current
IBIAS
VINPX - CV(A/B)X = ±5V
10
25
nA
Power-down Current
IPD
PD = VCC
825
µA
Power-down Time (Note 5)
tPD
10
µs
Power-up Time (Note 5)
tPU
15
µs
TIMING CHARACTERISTICS
Propagation Delay
tpd
4.0
9.5
15
ns
Rise Time (Note 5)
tr
1.4
ns
Fall Time (Note 5)
tf
1.5
ns
Propagation Delay Mismatch
Δtpd
0.5
2
ns
Maximum Operating Frequency
FMAXR
Symmetry 50%
65
MHz
Min Pulse Width
tWIDR
7.7
ns
COMPARATOR INPUT
Input Current
IIN
VINPX = VCC or VEE
-100
0
100
nA
Input Capacitance (Note 5)CIN
2.5
pF
ISL55141, ISL55142, ISL55143


유사한 부품 번호 - ISL55143

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55143 INTERSIL-ISL55143 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
ISL55143 INTERSIL-ISL55143 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55143 INTERSIL-ISL55143 Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
More results

유사한 설명 - ISL55143

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com