전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3520_0509 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3520_0509
상세설명  Integrated White LED Driver with Organic LED Display Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3520_0509 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3520_0509 Datasheet HTML 2Page - National Semiconductor (TI) LM3520_0509 Datasheet HTML 3Page - National Semiconductor (TI) LM3520_0509 Datasheet HTML 4Page - National Semiconductor (TI) LM3520_0509 Datasheet HTML 5Page - National Semiconductor (TI) LM3520_0509 Datasheet HTML 6Page - National Semiconductor (TI) LM3520_0509 Datasheet HTML 7Page - National Semiconductor (TI) LM3520_0509 Datasheet HTML 8Page - National Semiconductor (TI) LM3520_0509 Datasheet HTML 9Page - National Semiconductor (TI) LM3520_0509 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical Characteristics (Notes 6, 7) Limits in standard typeface are for T
J = +25˚C. Limits in boldface
type apply over the full operating junction temperature range (−40˚C
≤ =T
J
≤ +125˚C). Unless otherwise noted: specifications
apply to the LM3520. V
IN = 3.6V, V(En) > 1.0V, CIN = 10 µF (Note 8). (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OVP
Output Over-Voltage Protection
ON Threshold
22.2
23.2
24.2
V
(Main & Sub Displays)
OFF Threshold
21.5
22.5
23.5
UVP
Input Under-Voltage Protection
ON Threshold
2.3
2.4
2.5
V
OFF Threshold
2.35
2.45
2.55
I
Vout_main_leak
V
OUT Leakage Current
V
OUT =VIN, MAIN_EN =
SUB_EN = 0V
0.1
nA
I
Vout_main_bias
V
OUT Bias Current at No Load
V
OUT = 20V, SUB_EN = 0
60
150
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: Enable signal must not be higher than Input voltage.
Note 3: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125
oC), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 4: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
Note 5: Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the JEDEC
standard JESD51-7. The test board is a 4-layer FR-4 board measuring 101.6mm x 76.2mm x 1.6mm. Thickness of the copper layers are 2oz/1oz/1oz/2oz. The
middle layer of the board is 60mm x 60mm. Ambient temperature in simulation is 22˚C, still air.
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists, special care
must be paid to thermal dissipation issues in board design.
Note 6: All voltage is with respect toGND.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: CIN and COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Note 9: Feedback current flows out of the Sub_ FB pin.
Note 10: Current flows into the pin.
www.national.com
6


유사한 부품 번호 - LM3520_0509

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3520 NSC-LM3520 Datasheet
963Kb / 14P
   Integrated White LED Driver with Organic LED Display Power Supply
More results

유사한 설명 - LM3520_0509

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
National Semiconductor ...
LM3520 NSC-LM3520 Datasheet
963Kb / 14P
   Integrated White LED Driver with Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Linear Technology
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
logo
Global Mixed-mode Techn...
G2500 GMT-G2500 Datasheet
130Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
G5524A GMT-G5524A Datasheet
136Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 4-Channel White LED Driver
logo
FSP TECHNOLOGY INC.
FSP102-3FS01 FSP-FSP102-3FS01 Datasheet
204Kb / 1P
   Power supply with LED Driver
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
   White led power supply for large display backlight
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
   White LED power supply for large display backlight
May 2011 Rev 7
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com