전자부품 데이터시트 검색엔진 |
|
CD74HC259MTG4 데이터시트(PDF) 8 Page - Texas Instruments |
|
CD74HC259MTG4 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 16 page 8 FIGURE 7. HC THREE-STATE PROPAGATION DELAY WAVEFORM FIGURE 8. HCT THREE-STATE PROPAGATION DELAY WAVEFORM NOTE: Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test circuit is Output RL =1kΩ to VCC, CL = 50pF. FIGURE 9. HC AND HCT THREE-STATE PROPAGATION DELAY TEST CIRCUIT Test Circuits and Waveforms (Continued) 50% 10% 90% GND VCC 10% 90% 50% 50% OUTPUT DISABLE OUTPUT LOW TO OFF OUTPUT HIGH TO OFF OUTPUTS ENABLED OUTPUTS DISABLED OUTPUTS ENABLED 6ns 6ns tPZH tPHZ tPZL tPLZ 0.3 2.7 GND 3V 10% 90% 1.3V 1.3V OUTPUT DISABLE OUTPUT LOW TO OFF OUTPUT HIGH TO OFF OUTPUTS ENABLED OUTPUTS DISABLED OUTPUTS ENABLED tr 6ns tPZH tPHZ tPZL tPLZ 6ns tf 1.3 IC WITH THREE- STATE OUTPUT OTHER INPUTS TIED HIGH OR LOW OUTPUT DISABLE VCC FOR tPLZ AND tPZL GND FOR tPHZ AND tPZH OUTPUT RL = 1kΩ CL 50pF CD54HC259, CD74HC259, CD54HCT259, CD74HCT259 |
유사한 부품 번호 - CD74HC259MTG4 |
|
유사한 설명 - CD74HC259MTG4 |