전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP3022 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP3022
상세설명  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3022 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP3022 Datasheet HTML 1Page - Toshiba Semiconductor TLP3022 Datasheet HTML 2Page - Toshiba Semiconductor TLP3022 Datasheet HTML 3Page - Toshiba Semiconductor TLP3022 Datasheet HTML 4Page - Toshiba Semiconductor TLP3022 Datasheet HTML 5Page - Toshiba Semiconductor TLP3022 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3020, TLP3021, TLP3022, TLP3023
2007-10-01
3
Recommended Operating Conditions
CHARACTERISTICS
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
VAC
120
Vac
Forward Current
IF*
15
20
25
mA
Peak On-Stage Current
ITP
1
A
Operating Temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
*: In the case of TLP3022
Individual Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Forward Voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse Current
IR
VR=5V
10
μA
Capacitance
CT
V=0, f=1MHz
10
pF
Peak Off-State Current
IDRM
VDRM=400V
10
100
nA
Peak On-Stage Voltage
VTM
ITM=100mA
1.7
3.0
V
Holding Current
IH
0.6
mA
Critical Rate of Rise of Off-
State Voltage
dv / dt
Vin=120Vrms, Ta=85°C (Fig.1)
200
500
V/
μs
Critical Rate of Rise of
Commutating Voltage
dv / dt(c)
Vin=30Vrms, IF=15mA (Fig.1)
0.2
V/
μs
Coupled Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
TLP3020
30
TLP3021
15
TLP3022
5
10
Trigger LED Current
TLP3023
IFT
VT=3V
5
mA
Capacitance Input to Output
CS
VS=0, f=1MHz
0.8
pF
Isolation Resistance
RS
VS=500V (R.H. ≤ 60%)
5
×10
10
10
14
Ω
AC, 1 minute
Vrms
AC, 1 second (in oil)
10000
Isolation Voltage
BVS
DC, 1 minute (in oil)
10000
Vdc
Fig. 1 dv/dt TEST CIRCUIT


유사한 부품 번호 - TLP3022

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3022 TOSHIBA-TLP3022 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3022 TOSHIBA-TLP3022 Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3022F TOSHIBA-TLP3022F Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3022FS TOSHIBA-TLP3022FS Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3022S TOSHIBA-TLP3022S Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results

유사한 설명 - TLP3022

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com