전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1697V 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 UC1697V
상세설명  128 x 128RGB C-STN LCD Controller-Driver w/ 16-bit per RGB On-Chip SRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

UC1697V 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UC1697V Datasheet HTML 7Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 8Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 9Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 10Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 11Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 12Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 13Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 14Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
UC1697v
128x128RGB CSTN Controller-Driver
Revision A_0.6
7
Name
Type
# of Pads
Description
HIGH VOLTAGE LCD DRIVER OUTPUT
SEG1 ~
SEG384
HV
384
SEG (column) driver outputs. Support up to 128xRGB pixels.
Leave unused SEG drivers open-circuit.
COM1 ~
COM128
HV
128
COM (row) driver outputs. Support up to 128 rows.
When designing LCM, always start from COM1. If the LCM has N
pixel rows and N is less than 128, set CEN to be N-1, and leave COM
drivers [N+1 ~ 128] open-circuit.
MISC. PINS
VDDX
O
5
Auxiliary VDD. These pins are connected to the main VDD bus within
the IC. These pads are provided to facilitate chip configurations in
COG application.
These pins should NOT be used to provide VDD power to the chip. It is
not necessary to connect VDDX to main VDD externally.
TST4
I/HV
2
Test control. This pin has on-chip pull-up resistor. Leave it open
during normal operation.
TST4 is also used as one of the high voltage power supply for MTP
programming operation. For COG designs, please wire out TST4 with
trace resistance between 30~50
Ω.
TST1
TST2
O
1
1
Test I/O pins. Leave these pins open during normal use.
NOTE:
Several control registers will specify “0 based index” for COM and SEG electrodes. In those situations,
COMX or SEGX will correspond to index X-1, and the value ranges for those index registers will be 0~127
for COM and 0~383 for SEG.


유사한 부품 번호 - UC1697V

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
UC1602I ETC2-UC1602I Datasheet
705Kb / 38P
   65x102 Matrix LCD Controller-Driver
UC1606 ETC1-UC1606 Datasheet
877Kb / 46P
   65COM x 132SEG Matrix LCD Controller-Driver
logo
ECM Electronics Limited...
UC1606 ECM-UC1606 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-100 ECM-UC1606T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-101 ECM-UC1606T-101 Datasheet
102Kb / 5P
   Power Inductors
More results

유사한 설명 - UC1697V

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
logo
STMicroelectronics
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
   65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
   81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
Samsung semiconductor
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
   81 x 128 single-chip LCD controller/driver
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com