전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGB18N40LZ-1 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STGB18N40LZ-1
상세설명  EAS 180 mJ - 400 V - internally clamped IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB18N40LZ-1 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STGB18N40LZ-1 Datasheet HTML 3Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 4Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 5Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 6Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 7Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 8Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 9Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 10Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STGD18N40LZ - STGB18N40LZ
Electrical characteristics
7/18
Figure 8.
Collector current vs collector
emitter voltage @ 175 °C
Figure 9.
Transfer characteristics
Figure 10.
Collector emitter leakage current
vs. temperature
Figure 11.
Normalized collector emitter
breakdown voltage vs temperature
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized collector emitter
voltage vs temperature
0
10
20
30
40
50
60
01
2
3
45
6
TC = 175 °C
VGE = 3.8 V
VGE = 4 V
VGE = 4.5 V
VGE = 8 V
VGE = 5 V
VCE (V)
IC (A)
HV42400
0
6
12
18
24
30
12
3
45
VGE (V)
IC (A)
TC = -40 °C
TC = 175 °C
TC = 25 °C
HV38710


유사한 부품 번호 - STGB18N40LZ-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB18N40LZ-1 STMICROELECTRONICS-STGB18N40LZ-1 Datasheet
636Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB18N40LZ-1 STMICROELECTRONICS-STGB18N40LZ-1 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
More results

유사한 설명 - STGB18N40LZ-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
STGP35N35LZ STMICROELECTRONICS-STGP35N35LZ Datasheet
720Kb / 18P
   Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 7 - January 2021
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
October 2016 Rev 6
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 1 - January 2021
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
   Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
February 2018 Rev 3
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
   Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
February 2018
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com