전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI07N60S5 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 SPI07N60S5
상세설명  Cool MOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI07N60S5 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button SPI07N60S5_02 Datasheet HTML 2Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 3Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 4Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 5Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 6Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 7Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 8Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 9Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
2002-07-26
SPI07N60S5
SPP07N60S5, SPB07N60S5
Final data
Forward characteristics of reverse diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-1
10
0
10
1
10
2
10
A
SPP07N60S5
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
Typ. gate charge
VGS = f (QGate)
parameter: ID = 7.3 A pulsed
0
4
8
12
16
20
24
28
32nC 38
Qg
0
2
4
6
8
10
12
V
16
SPP07N60S5
0,8 V
DS max
DS max
V
0,2


유사한 부품 번호 - SPI07N60S5_02

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPI07N60S5 INFINEON-SPI07N60S5 Datasheet
332Kb / 12P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPI07N60S5 INFINEON-SPI07N60S5 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
logo
Inchange Semiconductor ...
SPI07N60S5 ISC-SPI07N60S5 Datasheet
315Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - SPI07N60S5_02

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com