전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CB3Q3345PW 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CB3Q3345PW
상세설명  8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3345PW 데이터시트(HTML) 1 Page - Texas Instruments

  SN74CB3Q3345PW Datasheet HTML 1Page - Texas Instruments SN74CB3Q3345PW Datasheet HTML 2Page - Texas Instruments SN74CB3Q3345PW Datasheet HTML 3Page - Texas Instruments SN74CB3Q3345PW Datasheet HTML 4Page - Texas Instruments SN74CB3Q3345PW Datasheet HTML 5Page - Texas Instruments SN74CB3Q3345PW Datasheet HTML 6Page - Texas Instruments SN74CB3Q3345PW Datasheet HTML 7Page - Texas Instruments SN74CB3Q3345PW Datasheet HTML 8Page - Texas Instruments SN74CB3Q3345PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B9
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
SN74CB3Q3345
8-BIT FET BUS SWITCH
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS144B – OCTOBER 2003 – REVISED MARCH 2005
Data and Control Inputs Provide Undershoot
Clamp Diodes
High-Bandwidth Data Path (up to 500 MHz (1))
Low Power Consumption (I
CC = 0.7 mA Typ)
5-V-Tolerant I/Os With Device Powered Up or
Powered Down
V
CC Operating Range From 2.3 V to 3.6 V
Low and Flat ON-State Resistance (r
on)
Data I/Os Support 0- to 5-V Signaling Levels
Characteristics Over Operating Range
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
(r
on = 4 Ω Typ)
Control Inputs Can Be Driven by TTL or
Rail-to-Rail Switching on Data I/O Ports
5-V/3.3-V CMOS Outputs
– 0- to 5-V Switching With 3.3-V V
CC
I
off Supports Partial-Power-Down Mode
Operation
– 0- to 3.3-V Switching With 2.5-V V
CC
Latch-Up Performance Exceeds 100 mA Per
Bidirectional Data Flow With Near-Zero
JESD 78, Class II
Propagation Delay
ESD Performance Tested Per JESD 22
Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
– 2000-V Human-Body Model
(C
io(OFF) = 4 pF Typ)
(A114-B, Class II)
Fast Switching Frequency (f
OE = 20 MHz Max)
– 1000-V Charged-Device Model (C101)
Supports Both Digital and Analog
(1)
For additional information regarding the performance
Applications: Differential Signal Interface,
characteristics of the CB3Q family, refer to the TI application
Memory Interleaving, Bus Isolation,
report, CBT-C, CB3T, and CB3Q Signal-Switch Families,
literature number SCDA008.
Low-Distortion Signal Gating
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74CB3Q3345PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3Q3345PW TI-SN74CB3Q3345PW Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3345PW TI1-SN74CB3Q3345PW Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345PWG4 TI1-SN74CB3Q3345PWG4 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345PWR TI-SN74CB3Q3345PWR Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3345PWR TI1-SN74CB3Q3345PWR Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

유사한 설명 - SN74CB3Q3345PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_10 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_2 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com