전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP254A 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFP254A
상세설명  $GYDQFHG 3RZHU 026)(7
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP254A 데이터시트(HTML) 3 Page - International Rectifier

  IRFP254A Datasheet HTML 1Page - International Rectifier IRFP254A Datasheet HTML 2Page - International Rectifier IRFP254A Datasheet HTML 3Page - International Rectifier IRFP254A Datasheet HTML 4Page - International Rectifier IRFP254A Datasheet HTML 5Page - International Rectifier IRFP254A Datasheet HTML 6Page - International Rectifier IRFP254A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRFP254A
10
-1
10
0
10
1
10
0
10
1
10
2
@ Notes :
1. 250
µs Pulse Test
2. T
C = 25
oC
V
GS
Top :
15V
10 V
8.0 V
7.0 V
6.0 V
5.5V
5.0 V
Bottom : 4.5V
V
DS
, Drain-Source Voltage [V]
24
68
10
10
-1
10
0
10
1
10
2
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS = 0 V
2. V
DS = 40 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0
20406080
100
0.00
0.05
0.10
0.15
0.20
0.25
@ Note : T
J = 25
oC
V
GS = 20 V
V
GS = 10 V
I
D
, Drain Current [A]
0.20.40.60.81.01.21.41.61.8
10
-1
10
0
10
1
10
2
150
oC
25
oC
@ Notes :
1. V
GS = 0 V
2. 250
µsPulse Test
V
SD , Source-Drain Voltage
[V]
10
0
10
1
0
1000
2000
3000
4000
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
0
2040
6080
100
0
5
10
V
DS = 200 V
V
DS = 125 V
V
DS
= 50 V
@ Notes : I
D
= 25.0 A
Q
G
, Total Gate Charge [nC]
1&+$11(/
32:(5 026)(7
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


유사한 부품 번호 - IRFP254A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP254A ISC-IRFP254A Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP254A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
IRLR110ATF FAIRCHILD-IRLR110ATF Datasheet
246Kb / 9P
   $GYDQFHG 3RZHU 026)(7
logo
CTS Corporation
026T419S101A1A1 CTS-026T419S101A1A1 Datasheet
2Mb / 4P
   Series 026 Data Sheet Rotary Potentiometer
logo
Molex Electronics Ltd.
1050170001 MOLEX11-1050170001 Datasheet
143Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle
logo
Vishay Siliconix
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
   ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0473460001 MOLEX6-0473460001 Datasheet
114Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
0475310011 MOLEX6-0475310011 Datasheet
114Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), with Mylar, 4 Circuits
logo
Vishay Siliconix
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
   ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0475900001 MOLEX6-0475900001 Datasheet
137Kb / 3P
   0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free
0475890001 MOLEX6-0475890001 Datasheet
145Kb / 3P
   0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Bottom Mount, SMT, Lead Free
0476150001 MOLEX6-0476150001 Datasheet
131Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), 4 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com