전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP254A 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP254A
상세설명  $GYDQFHG 3RZHU 026)(7
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP254A 데이터시트(HTML) 4 Page - International Rectifier

  IRFP254A Datasheet HTML 1Page - International Rectifier IRFP254A Datasheet HTML 2Page - International Rectifier IRFP254A Datasheet HTML 3Page - International Rectifier IRFP254A Datasheet HTML 4Page - International Rectifier IRFP254A Datasheet HTML 5Page - International Rectifier IRFP254A Datasheet HTML 6Page - International Rectifier IRFP254A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFP254A
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS = 0 V
2. I
D = 250 µA
T
J
, Junction Temperature [
oC]
-75-50-25
0
25
50
75
100125150175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
@ Notes :
1. V
GS = 10 V
2. I
D = 12.5 A
T
J
, Junction Temperature [
oC]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
µs
DC
100
µs
1 ms
10 ms
@ Notes :
1. T
C = 25
oC
2. T
J
= 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
V
DS
, Drain-Source Voltage [V]
25
50
75
100125150
0
5
10
15
20
25
30
T
c
, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. Z
θ JC
(t)=0.56
o C/W Max.
2. Duty Factor, D=t
1
/t
2
3. T
JM -TC =PDM *Z
θ JC
(t)
t
1
, Square Wave Pulse Duration
[sec]
1&+$11(/
32:(5 026)(7
Fig 7. Breakdown Voltage vs. Temperature
Fig 8. On-Resistance vs. Temperature
Fig 11. Thermal Response
Fig 10. Max. Drain Current vs. Case Temperature
Fig 9. Max. Safe Operating Area
P
DM
t
1
t
2


유사한 부품 번호 - IRFP254A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP254A ISC-IRFP254A Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP254A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
IRLR110ATF FAIRCHILD-IRLR110ATF Datasheet
246Kb / 9P
   $GYDQFHG 3RZHU 026)(7
logo
CTS Corporation
026T419S101A1A1 CTS-026T419S101A1A1 Datasheet
2Mb / 4P
   Series 026 Data Sheet Rotary Potentiometer
logo
Molex Electronics Ltd.
1050170001 MOLEX11-1050170001 Datasheet
143Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle
logo
Vishay Siliconix
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
   ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0473460001 MOLEX6-0473460001 Datasheet
114Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
0475310011 MOLEX6-0475310011 Datasheet
114Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), with Mylar, 4 Circuits
logo
Vishay Siliconix
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
   ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0475900001 MOLEX6-0475900001 Datasheet
137Kb / 3P
   0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free
0475890001 MOLEX6-0475890001 Datasheet
145Kb / 3P
   0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Bottom Mount, SMT, Lead Free
0476150001 MOLEX6-0476150001 Datasheet
131Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), 4 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com